Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADXL210JE Datasheet (PDF) - Analog Devices

ADXL210JE Datasheet PDF - Analog Devices
Part # ADXL210JE
Download  ADXL210JE Download

File Size   177.39 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low-Cost 10 g Dual-Axis Accelerometer with Duty Cycle

ADXL210JE Datasheet (PDF)

Go To PDF Page Download Datasheet
ADXL210JE Datasheet PDF - Analog Devices

Part # ADXL210JE
Download  ADXL210JE Click to download

File Size   177.39 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low-Cost 10 g Dual-Axis Accelerometer with Duty Cycle

ADXL210JE Datasheet (HTML) - Analog Devices

Back Button ADXL210JE Datasheet HTML 1Page - Analog Devices ADXL210JE Datasheet HTML 2Page - Analog Devices ADXL210JE Datasheet HTML 3Page - Analog Devices ADXL210JE Datasheet HTML 4Page - Analog Devices ADXL210JE Datasheet HTML 5Page - Analog Devices ADXL210JE Datasheet HTML 6Page - Analog Devices ADXL210JE Datasheet HTML 7Page - Analog Devices ADXL210JE Datasheet HTML 8Page - Analog Devices ADXL210JE Datasheet HTML 9Page - Analog Devices ADXL210JE Datasheet HTML 10Page - Analog Devices Next Button 

ADXL210JE Product details

GENERAL DESCRIPTION

The ADXL210E is a low-cost, low-power, complete 2-axis accelerometer with a digital output, all on a single monolithic IC. It is an improved version of the ADXL210AQC/JQC. The ADXL210E will measure accelerations with a full-scale range of ±10 g. The ADXL210E can measure both dynamic acceleration (e.g., vibra tion) and static acceleration (e.g., gravity).



FEATURES

2-Axis Acceleration Sensor on a Single IC Chip

5 mm x 5 mm x 2 mm Ultrasmall Chip Scale Package

2 mg Resolution at 60 Hz

Low Power < 0.6 mA

Direct Interface to Low-Cost Microcontrollers via Duty Cycle Output

BW Adjustment with a Single Capacitor

3 V to 5.25 V Single-Supply Operation

1000 g Shock Survival



APPLICATIONS

2-Axis Tilt Sensing with Faster Response than Electrolytic, Mercury, or Thermal Sensors

Computer Peripherals

Information Appliances

Alarms and Motion Detectors

Disk Drives

Vehicle Security



 




Similar Part No. - ADXL210JE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL210JQC AD-ADXL210JQC Datasheet
124Kb / 11P
   Low Cost -2 g/-10 g Dual Axis iMEMS Accelerometers with Digital Output
REV. B
More results


Similar Description - ADXL210JE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL202E AD-ADXL202E_15 Datasheet
147Kb / 12P
   Low-Cost 2 g Dual-Axis Accelerometer with Duty Cycle Output
ADXL202E AD-ADXL202E Datasheet
154Kb / 12P
   Low-Cost -2 g Dual-Axis Accelerometer with Duty Cycle Output
REV. A
ADXL213 AD-ADXL213_15 Datasheet
196Kb / 12P
   Low Cost 1.2 g Dual Axis Accelerometer
ADXL213 AD-ADXL213 Datasheet
359Kb / 12P
   Low Cost 1.2 g Dual Axis Accelerometer
REV. 0
logo
List of Unclassifed Man...
MXD7210GL ETC-MXD7210GL Datasheet
647Kb / 10P
   Low Cost, Low Noise -10 g Dual Axis Accelerometer with Digital Outputs
logo
Analog Devices
ADXL311 AD-ADXL311 Datasheet
419Kb / 12P
   Low Cost, Ultracompact 짹2 g Dual-Axis Accelerometer
REV. A
logo
List of Unclassifed Man...
MXD2002A ETC1-MXD2002A Datasheet
572Kb / 8P
   Low Cost, 짹10 g Dual Axis Accelerometer with Digital Outputs
logo
MEMSIC Semiconductor (T...
MXP7205VF MEMSIC-MXP7205VF Datasheet
603Kb / 12P
   Low Cost 짹5 g Dual-Axis Accelerometer with SPI Interface
Rev.E
MXP7205VW MEMSIC-MXP7205VW Datasheet
553Kb / 12P
   Low Cost 짹5 g Dual-Axis Accelerometer with SPI Interface
Rev.D
MXR7999V MEMSIC-MXR7999V Datasheet
95Kb / 6P
   Low Cost 짹1.7 g Dual-Axis Accelerometer with Ratiometric Outputs
Rev.A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com