![]() Datasheet Search System ![]() Mirror site : alldatasheet.com, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
ZY39 - Zener Diodes - Vishay Siliconix |
|
Click Here View ZY39 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| 1SMA5913BT3 | PLASTIC SURFACE MOUNT ZENER DIODES 1.5 WATTS 3.3-68 VOLTS | Motorola, Inc |
| RD120S | ZENER DIODES 200 mW 2 PINS SUPER MINI MOLD | NEC |
| MMSZ5221B | SURFACE MOUNT SILICON ZENER DIODES | Pan Jit International Inc. |
| CDLL3016B | 1 WATT ZENER DIODES | Compensated Deuices Incorporated |
| ZMM1 | 0.5W SILICON PLANAR ZENER DIODES | Shanghai Lunsure Electronic Tech |
| 1N5913A | SILICON ZENER DIODES | EIC discrete Semiconductors |
| SZ553J | SURFACE MOUNT SILICON ZENER DIODES | EIC discrete Semiconductors |
| 1N746 | ZENER DIODES | General Semiconductor |
| BZY97-C11 | ZENER DIODES | General Semiconductor |
| MMBZ4681 | ZENER DIODES | General Semiconductor |
Link URL |
|
|
Related keyword |
| ZY39 Datasheet | ZY39 Cross Reference | ZY39 Schematic | ZY39 Distributor | ZY39 Datenblatt | ZY39 RoHS |
| ZY39 Equivalent | ZY39 Application Notes | ZY39 Data Sheet | ZY39 component | ZY39 Fiche Technique | ZY39 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.net 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |