Datasheet Search System
Mirror site :
alldatasheet.com,
alldatasheet.co.kr
Semiconductors, integrated circuits, diodes, triacs, and other semiconductors informations
Part Name
Included
start with
end
match
Description
Shortcut :
74ALVT162240
(3)
74ALVT162241
(3)
74ALVT162244
(3)
74ALVT162245
(3)
74ALVT162245 - 2.5V/3.3V ALVT 16-bit transceiver with 30ohm termination resistors 3-State - NXP Semiconductors
Click Here View
74ALVT162245
Datasheet
Part No.
74ALVT162245
Description
2.5V/3.3V ALVT 16-bit transceiver with 30ohm termination resistors 3-State
Download
74ALVT162245
Click here
to View
File Size
89.31 Kbytes / 10 Pages
Maker
PHILIPS [NXP Semiconductors]
Homepage
http://www.nxp.com/
Related Electronics Part Number
Part Number
Components Description
Manufacturer
74ABT162245A
16-Bit
bus
transceiver
with
30ohm
series
termination
resistors
3-State
NXP Semiconductors
74LVT162245B
3.3V
LVT
16-bit
transceiver
with
30ohm
termination
resistors
3-State
NXP Semiconductors
74ALVCH162245
16-bit
bus
transceiver
with
direction
pin
and
30ohm
termination
resistor
3-State
NXP Semiconductors
74LVC162244A
16-bit
buffer/line
driver;
with
30ohm
series
termination
resistors
5V
input/output
tolerant
3-State
NXP Semiconductors
74LVC162245A
16-bit
bus
transceiver
with
direction
pin;
30ohm
series
termination
resistors;
5V
Input/Outputs
tolerant
3-State
NXP Semiconductors
74ABT2245
Octal
transceiver
with
direction
pin
with
30ohm
series
termination
resistors
3-State
NXP Semiconductors
74ALVT162240
16-bit
inverting
buffer/driver
with
30ohm
termination
resistors
3-State
NXP Semiconductors
74ALVC162334A
16-bit
registered
driver
with
inverted
register
enable
and
30ohm
termination
resistors
3-State
NXP Semiconductors
74ALVT162241
2.5V/3.3V
16-bit
buffer/driver
with
30ohm
termination
resistors
3-State
NXP Semiconductors
74ABT162244
16-bit
buffer/line
driver
with
30ohm
series
termination
resistors
3-State
NXP Semiconductors
Link URL :
Related keyword
74ALVT162245 Datasheet
74ALVT162245 Cross Reference
74ALVT162245 Schematic
74ALVT162245 Distributor
74ALVT162245 Datenblatt
74ALVT162245 RoHS
74ALVT162245 Equivalent
74ALVT162245 Application Notes
74ALVT162245 Data Sheet
74ALVT162245 components
74ALVT162245 Fiche Technique
74ALVT162245 Circuit
All Rights Reserved©
Alldatasheet.net
2003 - 2008
Contact us
Privacy Policy
Bookmark
Link Exchange
Site link
Manufacturer