Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9161B Datasheet (PDF) - Richtek Technology Corporation

RT9161B Datasheet PDF - Richtek Technology Corporation
Part # RT9161B
Download  RT9161B Download

File Size   161.88 Kbytes
Page   6 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Simple Lithium-Ion Battery Charger

RT9161B Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9161B Datasheet PDF - Richtek Technology Corporation

Part # RT9161B
Download  RT9161B Click to download

File Size   161.88 Kbytes
Page   6 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Simple Lithium-Ion Battery Charger

RT9161B Datasheet (HTML) - Richtek Technology Corporation

RT9161B Datasheet HTML 1Page - Richtek Technology Corporation RT9161B Datasheet HTML 2Page - Richtek Technology Corporation RT9161B Datasheet HTML 3Page - Richtek Technology Corporation RT9161B Datasheet HTML 4Page - Richtek Technology Corporation RT9161B Datasheet HTML 5Page - Richtek Technology Corporation RT9161B Datasheet HTML 6Page - Richtek Technology Corporation

RT9161B Product details

General Description
The RT9161B is a single-cell lithium-ion battery charger. It includes an on-chip pass transistor for high precision charging. Featuring with ultrahigh precision (±1%), the RT9161B provides a very effective and low cost solution for charging lithium ion battery.
Other features of the RT9161B are current limit and thermal shutdown protection. The output voltage of RT9161B is internally set and ranges from 4.10V to 4.35V, in 0.05V steps. The RT9161B comes in the
SOT-89 and SOT-223 packages.

Features
High Accuracy Charge Voltage: ±1%
6 Available Output Voltages
Low 450mV Dropout at 300mA
Wide Input Voltage Range
Thermal Shutdown and Current Limit Protection
SOT-89 and SOT-223
Low Ground Current 110µA

Applications
Li-Ion Battery Charger
Cellular Phones
Palmtop Computers
PDAs
Self Charging Battery Packs




Similar Part No. - RT9161B

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9161 RICHTEK-RT9161 Datasheet
260Kb / 10P
   300/500mA Low Dropout Linear Voltage Regulator
RT9161-15PX RICHTEK-RT9161-15PX Datasheet
260Kb / 10P
   300/500mA Low Dropout Linear Voltage Regulator
RT9161-18PV RICHTEK-RT9161-18PV Datasheet
260Kb / 10P
   300/500mA Low Dropout Linear Voltage Regulator
RT9161-18PX RICHTEK-RT9161-18PX Datasheet
260Kb / 10P
   300/500mA Low Dropout Linear Voltage Regulator
RT9161-20PV RICHTEK-RT9161-20PV Datasheet
260Kb / 10P
   300/500mA Low Dropout Linear Voltage Regulator
More results


Similar Description - RT9161B

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC79050 MICROCHIP-MIC79050 Datasheet
2Mb / 28P
   Simple Lithium-Ion Battery Charger
Rev.B.January 2022
logo
Micrel Semiconductor
MIC79050 MICREL-MIC79050_05 Datasheet
280Kb / 14P
   Simple Lithium-Ion Battery Charger
MIC79050 MICREL-MIC79050 Datasheet
103Kb / 20P
   Simple Lithium-Ion Battery Charger Preliminary Information
logo
Microchip Technology
TC3827 MICROCHIP-TC3827 Datasheet
142Kb / 10P
   Lithium-Ion Battery Charger
2001
logo
Shanghai awinic technol...
AW3210A AWINIC-AW3210A Datasheet
1Mb / 12P
   Lithium ion battery charger
logo
Analog Devices
ADP3820 AD-ADP3820 Datasheet
112Kb / 8P
   Lithium-Ion Battery Charger
REV. A
ADP3820 AD-ADP3820_15 Datasheet
635Kb / 8P
   Lithium-Ion Battery Charger
REV. A
logo
Advanced Analogic Techn...
AAT3685 ANALOGICTECH-AAT3685_08 Datasheet
388Kb / 21P
   Lithium-Ion/Polymer Battery Charger
logo
Dongguan Pingjingsemi T...
PJ4054B PJSEMI-PJ4054B Datasheet
3Mb / 6P
   Linear Lithium-ion Battery Charger
logo
Advanced Analog Technol...
AAT3687 AAT-AAT3687 Datasheet
628Kb / 22P
   Lithium-Ion/Polymer Battery Charger
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com