Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT4351 Datasheet (PDF) - NXP Semiconductors

74HCT4351 Datasheet PDF - NXP Semiconductors
Part # 74HCT4351
Download  74HCT4351 Download

File Size   135.68 Kbytes
Page   17 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 8-channel analog multiplexer/demultiplexer with latch

74HCT4351 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HCT4351 Datasheet PDF - NXP Semiconductors

Part # 74HCT4351
Download  74HCT4351 Click to download

File Size   135.68 Kbytes
Page   17 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 8-channel analog multiplexer/demultiplexer with latch

74HCT4351 Datasheet (HTML) - NXP Semiconductors

Back Button 74HCT4351 Datasheet HTML 1Page - NXP Semiconductors 74HCT4351 Datasheet HTML 2Page - NXP Semiconductors 74HCT4351 Datasheet HTML 3Page - NXP Semiconductors 74HCT4351 Datasheet HTML 4Page - NXP Semiconductors 74HCT4351 Datasheet HTML 5Page - NXP Semiconductors 74HCT4351 Datasheet HTML 6Page - NXP Semiconductors 74HCT4351 Datasheet HTML 7Page - NXP Semiconductors 74HCT4351 Datasheet HTML 8Page - NXP Semiconductors 74HCT4351 Datasheet HTML 9Page - NXP Semiconductors 74HCT4351 Datasheet HTML 10Page - NXP Semiconductors Next Button 

74HCT4351 Product details

GENERAL DESCRIPTION
The 74HC/HCT4351 are high-speed Si-gate CMOS devices. They are specified in compliance with JEDEC standard no. 7A.
   
FEATURES
• Wide analog input voltage range:
    ± 5 V
• Low “ON” resistance:
    80 Ω (typ.) at VCC − VEE = 4.5 V
    70 Ω (typ.) at VCC − VEE = 6.0 V
    60 Ω (typ.) at VCC − VEE = 9.0 V
• Logic level translation: to enable 5 V logic to
    communicate with ± 5 V analog signals
• Typical “break before make” built in
• Address latches provided
• Output capability: non-standard
• ICC category: MSI
   




Similar Part No. - 74HCT4351

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT4351 NXP-74HCT4351 Datasheet
116Kb / 17P
   8-channel analog multiplexer/demultiplexer with latch
December 1990
logo
Nexperia B.V. All right...
74HCT4351 NEXPERIA-74HCT4351 Datasheet
347Kb / 23P
   8-channel analog multiplexer/demultiplexer with latch
Rev. 4 - 4 August 2021
74HCT4351D NEXPERIA-74HCT4351D Datasheet
347Kb / 23P
   8-channel analog multiplexer/demultiplexer with latch
Rev. 4 - 4 August 2021
More results


Similar Description - 74HCT4351

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4351D-T NXP-74HC4351D-T Datasheet
116Kb / 17P
   8-channel analog multiplexer/demultiplexer with latch
December 1990
74HC_HCT4351_CNV PHILIPS-74HC_HCT4351_CNV_15 Datasheet
129Kb / 17P
   8-channel analog multiplexer/demultiplexer with latch
December 1990
logo
Nexperia B.V. All right...
74HCT4351 NEXPERIA-74HCT4351 Datasheet
347Kb / 23P
   8-channel analog multiplexer/demultiplexer with latch
Rev. 4 - 4 August 2021
logo
STMicroelectronics
M74HC4351 STMICROELECTRONICS-M74HC4351 Datasheet
216Kb / 12P
   ANALOG MULTIPLEXER/DEMULTIPLEXER WITH ADDRESS LATCH : SINGLE 8 CHANNEL
logo
NXP Semiconductors
74HC4353 PHILIPS-74HC4353 Datasheet
136Kb / 16P
   Triple 2-channel analog multiplexer/demultiplexer with latch
December 1990
logo
Toshiba Semiconductor
TC7MZ4051FK TOSHIBA-TC7MZ4051FK_07 Datasheet
236Kb / 11P
   8-Channel Analog Multiplexer/Demultiplexer
logo
Texas Instruments
SN74LV4051A-EP TI1-SN74LV4051A-EP Datasheet
490Kb / 13P
[Old version datasheet]    8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
74HCT4051PW-118 PHILIPS-74HCT4051PW-118 Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
74HC_HCT4051 PHILIPS-74HC_HCT4051_15 Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
logo
Unisonic Technologies
U74HC4051 UTC-U74HC4051_18 Datasheet
256Kb / 9P
   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com