Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC857CM Datasheet (PDF) - NXP Semiconductors

BC857CM Datasheet PDF - NXP Semiconductors
Part # BC857CM
Download  BC857CM Download

File Size   84.89 Kbytes
Page   13 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 45 V, 100 mA NPN general-purpose transistors

BC857CM Datasheet (PDF)

Go To PDF Page Download Datasheet
BC857CM Datasheet PDF - NXP Semiconductors

Part # BC857CM
Download  BC857CM Click to download

File Size   84.89 Kbytes
Page   13 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 45 V, 100 mA NPN general-purpose transistors

BC857CM Datasheet (HTML) - NXP Semiconductors

Back Button BC857CM Datasheet HTML 1Page - NXP Semiconductors BC857CM Datasheet HTML 2Page - NXP Semiconductors BC857CM Datasheet HTML 3Page - NXP Semiconductors BC857CM Datasheet HTML 4Page - NXP Semiconductors BC857CM Datasheet HTML 5Page - NXP Semiconductors BC857CM Datasheet HTML 6Page - NXP Semiconductors BC857CM Datasheet HTML 7Page - NXP Semiconductors BC857CM Datasheet HTML 8Page - NXP Semiconductors BC857CM Datasheet HTML 9Page - NXP Semiconductors BC857CM Datasheet HTML 10Page - NXP Semiconductors Next Button 

BC857CM Product details

DESCRIPTION

NPN transistor in a SOT23 plastic package. PNP complements: BC856, BC857 and BC858.



FEATURES

• Low current (max. 100 mA)

• Low voltage (max. 65 V).



APPLICATIONS

• General purpose switching and amplification.



 




Similar Part No. - BC857CM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC857CM PHILIPS-BC857CM Datasheet
83Kb / 10P
   PNP general purpose transistors
2004 Mar 10
BC857CM NXP-BC857CM Datasheet
160Kb / 10P
   PNP general purpose transistors
2004 Mar 10
logo
Nexperia B.V. All right...
BC857CM NEXPERIA-BC857CM Datasheet
228Kb / 11P
   45 V, 100 mA NPN general-purpose transistors
Rev. 13 - 1 July 2022
BC857CM NEXPERIA-BC857CM Datasheet
362Kb / 11P
   PNP general purpose transistors
2004 Mar 10
BC857CM NEXPERIA-BC857CM Datasheet
362Kb / 11P
   PNP general purpose transistors
2004 Mar 10
More results


Similar Description - BC857CM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC847 NXP-BC847 Datasheet
96Kb / 15P
   45 V, 100 mA NPN general-purpose transistors
Rev. 07-10 December 2008
BC847XMB NXP-BC847XMB Datasheet
349Kb / 14P
   45 V, 100 mA NPN general-purpose transistors
Rev. 1-5 March 2012
BC847BW115 NXP-BC847BW115 Datasheet
104Kb / 15P
   45 V, 100 mA NPN general-purpose transistors
Rev. 07-10 December 2008
logo
Nexperia B.V. All right...
BC847XMB_SER NEXPERIA-BC847XMB_SER Datasheet
1,007Kb / 14P
   45 V, 100 mA NPN general-purpose transistors
Rev. 1 - 5 March 2012
logo
NXP Semiconductors
BC847B.235 NXP-BC847B.235 Datasheet
104Kb / 15P
   45 V, 100 mA NPN general-purpose transistors
Rev. 07-10 December 2008
BC847 PHILIPS-BC847 Datasheet
131Kb / 18P
   45 V, 100 mA NPN general-purpose transistors
Rev. 8-20 August 2012
logo
Nexperia B.V. All right...
BC847XW_SER NEXPERIA-BC847XW_SER Datasheet
233Kb / 12P
   45 V, 100 mA NPN general-purpose transistors
Rev. 13 - 1 July 2022
BC847XM_SER NEXPERIA-BC847XM_SER Datasheet
228Kb / 11P
   45 V, 100 mA NPN general-purpose transistors
Rev. 13 - 1 July 2022
logo
NXP Semiconductors
BC847B.215 NXP-BC847B.215 Datasheet
104Kb / 15P
   45 V, 100 mA NPN general-purpose transistors
Rev. 07-10 December 2008
logo
Nexperia B.V. All right...
BC847XQA NEXPERIA-BC847XQA Datasheet
1Mb / 15P
   45 V, 100 mA NPN general-purpose transistors
BC847X-Q_SER NEXPERIA-BC847X-Q_SER Datasheet
226Kb / 12P
   45 V, 100 mA NPN general-purpose transistors
Rev. 2 - 24 June 2021
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com