Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LV08D Datasheet (PDF) - NXP Semiconductors

74LV08D Datasheet PDF - NXP Semiconductors
Part # 74LV08D
Download  74LV08D Download

File Size   104.12 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Quad 2-input AND gate

74LV08D Datasheet (PDF)

Go To PDF Page Download Datasheet
74LV08D Datasheet PDF - NXP Semiconductors

Part # 74LV08D
Download  74LV08D Click to download

File Size   104.12 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Quad 2-input AND gate

74LV08D Datasheet (HTML) - NXP Semiconductors

74LV08D Datasheet HTML 1Page - NXP Semiconductors 74LV08D Datasheet HTML 2Page - NXP Semiconductors 74LV08D Datasheet HTML 3Page - NXP Semiconductors 74LV08D Datasheet HTML 4Page - NXP Semiconductors 74LV08D Datasheet HTML 5Page - NXP Semiconductors 74LV08D Datasheet HTML 6Page - NXP Semiconductors 74LV08D Datasheet HTML 7Page - NXP Semiconductors 74LV08D Datasheet HTML 8Page - NXP Semiconductors 74LV08D Datasheet HTML 9Page - NXP Semiconductors 74LV08D Datasheet HTML 10Page - NXP Semiconductors

74LV08D Product details

DESCRIPTION
The 74LV08 is a low-voltage Si-gate CMOS device and is pin and function compatible with 74HC/HCT08.
The 74LV08 provides the 2-input AND function.

FEATURES
• Wide operating voltage: 1.0 to 5.5 V
• Optimized for Low Voltage applications: 1.0 to 3.6 V
• Accepts TTL input levels between VCC = 2.7 V and VCC = 3.6 V
• Typical VOLP (output ground bounce) < 0.8 V at VCC = 3.3 V, Tamb = 25°C.
• Typical VOHV (output VOH undershoot) > 2 V at VCC = 3.3 V, Tamb = 25°C.
• Output capability: standard
• ICC category: SSI




Similar Part No. - 74LV08D

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LV08D NEXPERIA-74LV08D Datasheet
218Kb / 11P
   Quad 2-input AND gate
Rev. 5 - 13 September 2021
74LV08D-Q100 NEXPERIA-74LV08D-Q100 Datasheet
691Kb / 12P
   Quad 2-input AND gate
More results


Similar Description - 74LV08D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC08F TOSHIBA-TC74VHC08F Datasheet
204Kb / 5P
   QUAD 2-INPUT AND GATE
logo
Fairchild Semiconductor
74F08 FAIRCHILD-74F08_00 Datasheet
64Kb / 5P
   Quad 2-Input AND Gate
logo
Integral Corp.
IN74HC08 INTEGRAL-IN74HC08 Datasheet
74Kb / 4P
   Quad 2-Input AND Gate
logo
Motorola, Inc
SN54LS09 MOTOROLA-SN54LS09 Datasheet
44Kb / 2P
   QUAD 2-INPUT AND GATE
logo
National Semiconductor ...
54F08DM NSC-54F08DM Datasheet
108Kb / 8P
   Quad 2-Input AND Gate
logo
ON Semiconductor
MC74VHCT08A ONSEMI-MC74VHCT08A Datasheet
143Kb / 8P
   Quad 2-Input AND Gate
1999 REV 0
logo
Integral Corp.
IN74LV08 INTEGRAL-IN74LV08 Datasheet
58Kb / 5P
   Quad 2-Input AND Gate
logo
STMicroelectronics
M54HCT08 STMICROELECTRONICS-M54HCT08 Datasheet
231Kb / 9P
   QUAD 2-INPUT AND GATE
logo
AVG Semiconductors(HITE...
DV74ACT08 AVG-DV74ACT08 Datasheet
237Kb / 3P
   Quad 2-Input AND Gate
logo
KODENSHI_AUK CORP.
KK74VHCT08 KODENSHI-KK74VHCT08 Datasheet
268Kb / 6P
   Quad 2-Input AND Gate
logo
STMicroelectronics
M74HC08 STMICROELECTRONICS-M74HC08 Datasheet
171Kb / 8P
   QUAD 2-INPUT AND GATE
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com