Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LV107N Datasheet (PDF) - NXP Semiconductors

74LV107N Datasheet PDF - NXP Semiconductors
Part # 74LV107N
Download  74LV107N Download

File Size   121.49 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Dual JK flip-flop with reset; negative-edge trigger

74LV107N Datasheet (PDF)

Go To PDF Page Download Datasheet
74LV107N Datasheet PDF - NXP Semiconductors

Part # 74LV107N
Download  74LV107N Click to download

File Size   121.49 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Dual JK flip-flop with reset; negative-edge trigger

74LV107N Datasheet (HTML) - NXP Semiconductors

Back Button 74LV107N Datasheet HTML 1Page - NXP Semiconductors 74LV107N Datasheet HTML 2Page - NXP Semiconductors 74LV107N Datasheet HTML 3Page - NXP Semiconductors 74LV107N Datasheet HTML 4Page - NXP Semiconductors 74LV107N Datasheet HTML 5Page - NXP Semiconductors 74LV107N Datasheet HTML 6Page - NXP Semiconductors 74LV107N Datasheet HTML 7Page - NXP Semiconductors 74LV107N Datasheet HTML 8Page - NXP Semiconductors 74LV107N Datasheet HTML 9Page - NXP Semiconductors 74LV107N Datasheet HTML 10Page - NXP Semiconductors Next Button 

74LV107N Product details

DESCRIPTION

The 74LV107 is a low-voltage Si-gate CMOS device that is pin and function compatible with 74HC/HCT107.

The 74LV107 is a dual negative-edge triggered JK-type flip-flop featuring individual J, K, clock (nCP) and reset (nR) inputs; also complementary Q and Q outputs.

The J and K inputs must be stable one set-up time prior to the HIGH-to-LOW clock transition for predictable operation.

The reset (nR) is an asynchronous active LOW input. When LOW, it overrides the clock and data inputs, forcing the Q output LOW and the Q output HIGH.

Schmitt-trigger action in the clock input makes the circuit highly tolerant to slower clock rise and fall times.



FEATURES

• Wide operating: 1.0 to 5.5 V

• Optimized for low voltage applications: 1.0 to 3.6 V

• Accepts TTL input levels between VCC = 2.7 V and VCC = 3.6 V

• Typical VOLP (output ground bounce) < 0.8 V at VCC = 3.3 V, Tamb = 25°C

• Typical VOHV (output VOH undershoot) > 2 V at VCC = 3.3 V, Tamb = 25°C

• Output capability: standard

• ICC category: flip-flops



 




Similar Part No. - 74LV107N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV10 PHILIPS-74LV10 Datasheet
113Kb / 10P
   Triple 3-input NAND gate
1998 Apr 20
74LV109 PHILIPS-74LV109 Datasheet
124Kb / 12P
   Dual JK flip-flop with set and reset; positive-edge trigger
1998 Apr 20
74LV109D PHILIPS-74LV109D Datasheet
124Kb / 12P
   Dual JK flip-flop with set and reset; positive-edge trigger
1998 Apr 20
74LV109DB PHILIPS-74LV109DB Datasheet
124Kb / 12P
   Dual JK flip-flop with set and reset; positive-edge trigger
1998 Apr 20
74LV109N PHILIPS-74LV109N Datasheet
124Kb / 12P
   Dual JK flip-flop with set and reset; positive-edge trigger
1998 Apr 20
More results


Similar Description - 74LV107N

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HCT107-Q100 NEXPERIA-74HCT107-Q100 Datasheet
259Kb / 15P
   Dual JK flip-flop with reset; negative-edge trigger
Rev. 3 - 7 July 2021
logo
NXP Semiconductors
74HC73 NXP-74HC73 Datasheet
457Kb / 16P
   Dual JK flip-flop with reset; negative-edge trigger
Rev. 04-19 March 2008
74HC73 PHILIPS-74HC73 Datasheet
52Kb / 7P
   Dual JK flip-flop with reset; negative-edge trigger
Rev. 03-12 November 2004
logo
Nexperia B.V. All right...
74HC73-Q100 NEXPERIA-74HC73-Q100 Datasheet
221Kb / 12P
   Dual JK flip-flop with reset; negative-edge trigger
Rev. 1 - 4 December 2020
74HC73 NEXPERIA-74HC73 Datasheet
245Kb / 13P
   Dual JK flip-flop with reset; negative-edge trigger
Rev. 7 - 13 September 2021
74HCT107 NEXPERIA-74HCT107 Datasheet
259Kb / 15P
   Dual JK flip-flop with reset; negative-edge trigger
Rev. 6 - 7 July 2021
logo
NXP Semiconductors
74HC107 PHILIPS-74HC107 Datasheet
53Kb / 7P
   Dual JK flip-flop with reset; negative-edge trigger
December 1990
logo
Nexperia B.V. All right...
74HC107-Q100 NEXPERIA-74HC107-Q100 Datasheet
747Kb / 17P
   Dual JK flip-flop with reset; negative-edge trigger
74HCT112 NEXPERIA-74HCT112 Datasheet
267Kb / 16P
   Dual JK flip-flop with set and reset; negative-edge trigger
Rev. 4 - 11 January 2021
logo
NXP Semiconductors
74HC112 PHILIPS-74HC112 Datasheet
106Kb / 15P
   Dual JK flip-flop with set and reset; negative-edge trigger
1998 Jun 10
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com