Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LV109D Datasheet (PDF) - NXP Semiconductors

74LV109D Datasheet PDF - NXP Semiconductors
Part # 74LV109D
Download  74LV109D Download

File Size   124.88 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Dual JK flip-flop with set and reset; positive-edge trigger

74LV109D Datasheet (PDF)

Go To PDF Page Download Datasheet
74LV109D Datasheet PDF - NXP Semiconductors

Part # 74LV109D
Download  74LV109D Click to download

File Size   124.88 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Dual JK flip-flop with set and reset; positive-edge trigger

74LV109D Datasheet (HTML) - NXP Semiconductors

Back Button 74LV109D Datasheet HTML 1Page - NXP Semiconductors 74LV109D Datasheet HTML 2Page - NXP Semiconductors 74LV109D Datasheet HTML 3Page - NXP Semiconductors 74LV109D Datasheet HTML 4Page - NXP Semiconductors 74LV109D Datasheet HTML 5Page - NXP Semiconductors 74LV109D Datasheet HTML 6Page - NXP Semiconductors 74LV109D Datasheet HTML 7Page - NXP Semiconductors 74LV109D Datasheet HTML 8Page - NXP Semiconductors 74LV109D Datasheet HTML 9Page - NXP Semiconductors 74LV109D Datasheet HTML 10Page - NXP Semiconductors Next Button 

74LV109D Product details

DESCRIPTION
The 74LV109 is a low-voltage Si-gate CMOS device that is pin and function compatible with 74HC/HCT109.
Schmitt-trigger action in the clock input makes the circuit highly tolerant to slower clock rise and fall times.

FEATURES
• Optimized for low voltage applications: 1.0 to 3.6 V
• Accepts TTL input levels between VCC = 2.7 V and VCC = 3.6 V
• Typical VOLP (output ground bounce) < 0.8 V at VCC = 3.3 V, Tamb = 25°C
• Typical VOHV (output VOH undershoot) > 2 V at VCC = 3.3 V, Tamb = 25°C
• Output capability: standard
• ICC category: flip-flops




Similar Part No. - 74LV109D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV10 PHILIPS-74LV10 Datasheet
113Kb / 10P
   Triple 3-input NAND gate
1998 Apr 20
74LV107 PHILIPS-74LV107 Datasheet
121Kb / 12P
   Dual JK flip-flop with reset; negative-edge trigger
1998 Apr 20
74LV107D PHILIPS-74LV107D Datasheet
121Kb / 12P
   Dual JK flip-flop with reset; negative-edge trigger
1998 Apr 20
74LV107DB PHILIPS-74LV107DB Datasheet
121Kb / 12P
   Dual JK flip-flop with reset; negative-edge trigger
1998 Apr 20
74LV107N PHILIPS-74LV107N Datasheet
121Kb / 12P
   Dual JK flip-flop with reset; negative-edge trigger
1998 Apr 20
More results


Similar Description - 74LV109D

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HCT109 NEXPERIA-74HCT109 Datasheet
271Kb / 16P
   Dual JK flip-flop with set and reset; positive-edge-trigger
Rev. 5 - 5 August 2021
logo
NXP Semiconductors
74HC109 PHILIPS-74HC109 Datasheet
65Kb / 9P
   Dual JK flip-flop with set and reset; positive-edge trigger
1997 Nov 25
logo
Nexperia B.V. All right...
74HCT109-Q100 NEXPERIA-74HCT109-Q100 Datasheet
257Kb / 16P
   Dual JK flip-flop with set and reset; positive-edge-trigger
Rev. 2 - 1 April 2020
logo
NXP Semiconductors
74LVC109 PHILIPS-74LVC109 Datasheet
103Kb / 10P
   Dual JK flip-flop with set and reset; positive-edge trigger
1998 Apr 28
logo
Nexperia B.V. All right...
74HC109-Q100 NEXPERIA-74HC109-Q100 Datasheet
799Kb / 17P
   Dual JK flip-flop with set and reset; positive-edge-trigger
74HCT112 NEXPERIA-74HCT112 Datasheet
267Kb / 16P
   Dual JK flip-flop with set and reset; negative-edge trigger
Rev. 4 - 11 January 2021
logo
NXP Semiconductors
74HC112 PHILIPS-74HC112 Datasheet
106Kb / 15P
   Dual JK flip-flop with set and reset; negative-edge trigger
1998 Jun 10
logo
Motorola, Inc
MC74HC76 MOTOROLA-MC74HC76 Datasheet
148Kb / 5P
   Dual JK Flip-Flop With Set and Reset
logo
Texas Instruments
CD54HC74 TI-CD54HC74 Datasheet
43Kb / 8P
[Old version datasheet]   Dual D Flip-Flop with Set and Reset Positive-Edge Trigger
CD54HCT74 TI-CD54HCT74 Datasheet
276Kb / 12P
[Old version datasheet]   Dual D Flip-Flop with Set and Reset Positive-Edge Trigger
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com