![]() Datasheet Search System ![]() Mirror site : alldatasheet.com, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
OX4450A-LX - OCXO - Raltron Electronics Corporation |
|
Click Here View OX4450A-LX Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| C4530 | OCXO Surface Mount Package Reflow Process Compatible AT-Cut and SC-Cut Crystal Options Low Profile Compact Package | Vectron International, Inc |
| HCD666 | OCXO HCMOS Output - Fast Warm Up | Golledge Electronics Ltd |
| XO5162 | 14 pin DIP 5.0 Volt Sinewave OCXO | MTRONPTI |
| OX6740A | OCXO | Raltron Electronics Corporation |
| C4600 | OCXO Standard Package Low Aging AT-Cut and SC-Cut Crystal Options Fast Warm-up | Vectron International, Inc |
| MCOCXO | 12V OCXO HCMOS Output 14-pin DIL | Golledge Electronics Ltd |
| XO5163 | 14 pin DIP 12.0 Volt Sinewave OCXO | MTRONPTI |
| OX6536A | OCXO | Raltron Electronics Corporation |
| C4700 | OCXO Ultra-High Stability Excellent Temperature Stability SC-Cut Crystal Crystal | Vectron International, Inc |
| MCOCXOS | 12V OCXO Sine Output 14-pin DIL | Golledge Electronics Ltd |
Link URL |
|
|
Related keyword |
| OX4450A-LX Datasheet | OX4450A-LX Cross Reference | OX4450A-LX Schematic | OX4450A-LX Distributor | OX4450A-LX Datenblatt | OX4450A-LX RoHS |
| OX4450A-LX Equivalent | OX4450A-LX Application Notes | OX4450A-LX Data Sheet | OX4450A-LX component | OX4450A-LX Fiche Technique | OX4450A-LX Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.net 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |