Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LV4067 Datasheet (PDF) - NXP Semiconductors

74LV4067 Datasheet PDF - NXP Semiconductors
Part # 74LV4067
Download  74LV4067 Download

File Size   190.9 Kbytes
Page   20 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 16-channel analog multiplexer/demultiplexer

74LV4067 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LV4067 Datasheet PDF - NXP Semiconductors

Part # 74LV4067
Download  74LV4067 Click to download

File Size   190.9 Kbytes
Page   20 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 16-channel analog multiplexer/demultiplexer

74LV4067 Datasheet (HTML) - NXP Semiconductors

Back Button 74LV4067 Datasheet HTML 1Page - NXP Semiconductors 74LV4067 Datasheet HTML 2Page - NXP Semiconductors 74LV4067 Datasheet HTML 3Page - NXP Semiconductors 74LV4067 Datasheet HTML 4Page - NXP Semiconductors 74LV4067 Datasheet HTML 5Page - NXP Semiconductors 74LV4067 Datasheet HTML 6Page - NXP Semiconductors 74LV4067 Datasheet HTML 7Page - NXP Semiconductors 74LV4067 Datasheet HTML 8Page - NXP Semiconductors 74LV4067 Datasheet HTML 9Page - NXP Semiconductors 74LV4067 Datasheet HTML 10Page - NXP Semiconductors Next Button 

74LV4067 Product details

DESCRIPTION
The 74LV4067 is a low-voltage CMOS device and is pin and function compatible with 74HC/HCT4067.

FEATURES
• Optimized for low voltage applications: 1.0 to 6.0 V
• Accepts TTL input levels between VCC = 2.7 V and VCC = 3.6 V
• Low typ “ON” resistance:
    60 Ω at Vcc – GND = 4.5 V
    90 Ω at Vcc – GND = 3.0 V
    145 Ω at Vcc – GND = 2.0 V
• Typical “break before make” built in
• Output capability: non-standard
• ICC category: MSI




Similar Part No. - 74LV4067

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV4060 PHILIPS-74LV4060 Datasheet
165Kb / 18P
   14-stage binary ripple counter with oscillator
1998 Jun 23
logo
Nexperia B.V. All right...
74LV4060 NEXPERIA-74LV4060 Datasheet
286Kb / 17P
   14-stage binary ripple counter with oscillator
Rev. 5 - 24 March 2021
74LV4060-Q100 NEXPERIA-74LV4060-Q100 Datasheet
806Kb / 21P
   14-stage binary ripple counter with oscillator
logo
NXP Semiconductors
74LV4060D PHILIPS-74LV4060D Datasheet
165Kb / 18P
   14-stage binary ripple counter with oscillator
1998 Jun 23
logo
Nexperia B.V. All right...
74LV4060D NEXPERIA-74LV4060D Datasheet
286Kb / 17P
   14-stage binary ripple counter with oscillator
Rev. 5 - 24 March 2021
More results


Similar Description - 74LV4067

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4067 PHILIPS-74HC4067 Datasheet
129Kb / 15P
   16-channel analog multiplexer/demultiplexer
September 1993
HEF4067BT652 PHILIPS-HEF4067BT652 Datasheet
147Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 6-16 November 2011
HEF4067B NXP-HEF4067B Datasheet
147Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 6-16 November 2011
HEF4067B PHILIPS-HEF4067B_15 Datasheet
205Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 7-11 September 2014
logo
Nexperia B.V. All right...
74HC4067-Q100 NEXPERIA-74HC4067-Q100 Datasheet
890Kb / 27P
   16-channel analog multiplexer/demultiplexer
logo
NXP Semiconductors
74HC4067 NXP-74HC4067 Datasheet
178Kb / 29P
   16-channel analog multiplexer/demultiplexer
Rev. 03-15 October 2007
logo
Nexperia B.V. All right...
74HCT4067-Q100 NEXPERIA-74HCT4067-Q100 Datasheet
351Kb / 25P
   16-channel analog multiplexer/demultiplexer
Rev. 2 - 2 June 2020
logo
NXP Semiconductors
74HCT4067DB NXP-74HCT4067DB Datasheet
205Kb / 30P
   16-channel analog multiplexer/demultiplexer
Rev. 5-13 December 2011
74HC_HCT4067 PHILIPS-74HC_HCT4067_15 Datasheet
294Kb / 28P
   16-channel analog multiplexer/demultiplexer
Rev. 6-22 May 2015
logo
Nexperia B.V. All right...
HEF4067B-Q100 NEXPERIA-HEF4067B-Q100 Datasheet
786Kb / 17P
   16-channel analog multiplexer/demultiplexer
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com