Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LV251N Datasheet (PDF) - NXP Semiconductors

74LV251N Datasheet PDF - NXP Semiconductors
Part # 74LV251N
Download  74LV251N Download

File Size   116.48 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 8-input multiplexer 3-State

74LV251N Datasheet (PDF)

Go To PDF Page Download Datasheet
74LV251N Datasheet PDF - NXP Semiconductors

Part # 74LV251N
Download  74LV251N Click to download

File Size   116.48 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 8-input multiplexer 3-State

74LV251N Datasheet (HTML) - NXP Semiconductors

Back Button 74LV251N Datasheet HTML 1Page - NXP Semiconductors 74LV251N Datasheet HTML 2Page - NXP Semiconductors 74LV251N Datasheet HTML 3Page - NXP Semiconductors 74LV251N Datasheet HTML 4Page - NXP Semiconductors 74LV251N Datasheet HTML 5Page - NXP Semiconductors 74LV251N Datasheet HTML 6Page - NXP Semiconductors 74LV251N Datasheet HTML 7Page - NXP Semiconductors 74LV251N Datasheet HTML 8Page - NXP Semiconductors 74LV251N Datasheet HTML 9Page - NXP Semiconductors 74LV251N Datasheet HTML 10Page - NXP Semiconductors Next Button 

74LV251N Product details

DESCRIPTION
The 74LV251 is a low-voltage Si-gate CMOS device and is pin and function compatible with 74HC/HCT251.
   
FEATURES
• Optimized for low voltage applications: 1.0 to 3.6 V
• Accepts TTL input levels between VCC = 2.7 V and VCC = 3.6 V
• Typical VOLP (output ground bounce) < 0.8 V at VCC = 3.3 V,
    Tamb = 25°C
• Typical VOHV (output VOH undershoot) > 2 V at VCC = 3.3 V,
    Tamb = 25°C
• True and complement outputs
• Both outputs are 3-State for further multiplexer expansion
• Multifunction capability
• Permits multiplexing from n-lines to one line
• Output capability: standard
• ICC category: MSI
   




Similar Part No. - 74LV251N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV257 PHILIPS-74LV257 Datasheet
114Kb / 12P
   Quad 2-input multiplexer 3-State
1998 May 20
74LV257D PHILIPS-74LV257D Datasheet
114Kb / 12P
   Quad 2-input multiplexer 3-State
1998 May 20
74LV257DB PHILIPS-74LV257DB Datasheet
114Kb / 12P
   Quad 2-input multiplexer 3-State
1998 May 20
74LV257N PHILIPS-74LV257N Datasheet
114Kb / 12P
   Quad 2-input multiplexer 3-State
1998 May 20
74LV257PW PHILIPS-74LV257PW Datasheet
114Kb / 12P
   Quad 2-input multiplexer 3-State
1998 May 20
More results


Similar Description - 74LV251N

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HCT251 NEXPERIA-74HCT251 Datasheet
263Kb / 16P
   8-input multiplexer; 3-state
Rev. 6 - 8 February 2021
logo
NXP Semiconductors
74ALS251 PHILIPS-74ALS251 Datasheet
103Kb / 8P
   8-input multiplexer 3-State
1991 Feb 08
logo
Nexperia B.V. All right...
74HC251-Q100 NEXPERIA-74HC251-Q100 Datasheet
268Kb / 17P
   8-input multiplexer; 3-state
logo
NXP Semiconductors
74HC251 PHILIPS-74HC251 Datasheet
53Kb / 7P
   8-input multiplexer; 3-state
December 1990
74F251A PHILIPS-74F251A Datasheet
46Kb / 5P
   8-input multiplexer 3-State
1996 Jan 05
74HC_HCT251 PHILIPS-74HC_HCT251_15 Datasheet
177Kb / 20P
   8-input multiplexer; 3-state
Rev. 3-9 July 2013
logo
List of Unclassifed Man...
74HC356 ETC1-74HC356 Datasheet
337Kb / 8P
   8-INPUT MULTIPLEXER / RESISTER 3-STATE
logo
AVG Semiconductors(HITE...
DV74ACT251 AVG-DV74ACT251 Datasheet
310Kb / 4P
   8 Input Multiplexer with 3-State Outputs, 8 Input Digital Multiplexer
logo
NXP Semiconductors
74HC356 PHILIPS-74HC356 Datasheet
79Kb / 13P
   8-input multiplexer/register; 3-state
December 1990
logo
Motorola, Inc
SN54LS251 MOTOROLA-SN54LS251 Datasheet
181Kb / 6P
   8-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com