Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V7PB-10A Datasheet (PDF) - Bel Fuse Inc.

V7PB-10A Datasheet PDF - Bel Fuse Inc.
Part # V7PB-10A
Download  V7PB-10A Download

File Size   511.44 Kbytes
Page   22 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.0 - 5.0V Output / 10A

V7PB-10A Datasheet (PDF)

Go To PDF Page Download Datasheet
V7PB-10A Datasheet PDF - Bel Fuse Inc.

Part # V7PB-10A
Download  V7PB-10A Click to download

File Size   511.44 Kbytes
Page   22 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.0 - 5.0V Output / 10A

V7PB-10A Datasheet (HTML) - Bel Fuse Inc.

Back Button V7PB-10A Datasheet HTML 1Page - Bel Fuse Inc. V7PB-10A Datasheet HTML 2Page - Bel Fuse Inc. V7PB-10A Datasheet HTML 3Page - Bel Fuse Inc. V7PB-10A Datasheet HTML 4Page - Bel Fuse Inc. V7PB-10A Datasheet HTML 5Page - Bel Fuse Inc. V7PB-10A Datasheet HTML 6Page - Bel Fuse Inc. V7PB-10A Datasheet HTML 7Page - Bel Fuse Inc. V7PB-10A Datasheet HTML 8Page - Bel Fuse Inc. V7PB-10A Datasheet HTML 9Page - Bel Fuse Inc. V7PB-10A Datasheet HTML 10Page - Bel Fuse Inc. Next Button 

V7PB-10A Product details

Description
The Bel V7PB-10A series modules are non-isolated, step down DC/DC power converters that operate from a nominal 12V source. These converters are available in a range of output voltages from 1.0V to 5.0V. They are packaged in an industry standard single-in-line footprint and provide a maximum 10A output. Standard features include remote on/off, remote sense, over current and short cicuit protection, overtemperature shutdown and output voltage adjust. Remote on/off logic is an optional feature. These products may be used almost anywhere low-voltage silicon is employed and a 12V source is available. Typical applications include file servers, routers, line cards and other computing and communications equipment.

V7PB-10A Series
• Nonisolated
• Industry standard pinout
• Fixed frequency
• High efficiency means less power dissipation
• Optimized for cost
• Remote on/off
• Remote sense
• Undervoltage lockout
• Over current and short circuit protection
• Overtemperature shutdown

Applications
• Telecommunications
• Networking
• Computers and peripherals




Similar Part No. - V7PB-10A

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
V7PB-10B BEL-V7PB-10B Datasheet
242Kb / 18P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 0.9V - 3.3V Output / 10A
V7PB-10B09L BEL-V7PB-10B09L Datasheet
242Kb / 18P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 0.9V - 3.3V Output / 10A
V7PB-10B09S BEL-V7PB-10B09S Datasheet
242Kb / 18P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 0.9V - 3.3V Output / 10A
V7PB-10B12L BEL-V7PB-10B12L Datasheet
242Kb / 18P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 0.9V - 3.3V Output / 10A
V7PB-10B12S BEL-V7PB-10B12S Datasheet
242Kb / 18P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 0.9V - 3.3V Output / 10A
More results


Similar Description - V7PB-10A

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
VRPB-10A BEL-VRPB-10A Datasheet
518Kb / 22P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.0 - 5.0V Output / 10A
S7AH-03A BEL-S7AH-03A Datasheet
165Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5V - 5.0V Output / 3A
S7AH-02A BEL-S7AH-02A Datasheet
329Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 2A
V7PF-15A BEL-V7PF-15A Datasheet
74Kb / 2P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 15A
SRAH-03A BEL-SRAH-03A Datasheet
173Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5V - 5.0V Output / 3A
S7DB-07A BEL-S7DB-07A Datasheet
249Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.2V - 5.0V Output / 7A
SRAH-02A BEL-SRAH-02A Datasheet
336Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 2A
X7PF-20A1A0 BEL-X7PF-20A1A0 Datasheet
203Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 12V Input 0.9V-5.0V/20A Output
SRDB-07A BEL-SRDB-07A Datasheet
256Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.2V - 5.0V Output / 7A
S7AH-05A BEL-S7AH-05A Datasheet
504Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 5A
More results




About Bel Fuse Inc.


Bel Fuse Inc is a multinational electronics company that specializes in the design and manufacture of a wide range of products, including circuit protection solutions, magnetic components, power solutions, and connectivity solutions.

The company was founded in 1949 and has its headquarters in Jersey City, New Jersey.

Bel Fuse operates globally, serving customers in industries such as telecommunications, data storage, aerospace, and industrial electronics, among others.

The company is known for its high-quality products and innovative technology, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com