![]() Datasheet Search System ![]() Mirror site : alldatasheet.com, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
UT180320 - Diffuse reflection sensor (analogue/digital) - ETC |
|
Click Here View UT180320 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| MPX4101 | INTEGRATED PRESSURE SENSOR 15 to 102 kPa 2.18 to 14.8 psi 0.25 to 4.95 V Output | Motorola, Inc |
| UPD3719 | 10600 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR | NEC |
| NJM2072 | SIGNAL LEVEL SENSOR SYSTEM | New Japan Radio |
| LM83 | Triple-Diode Input and Local Digital Temperature Sensor with Two-Wire Interface | National Semiconductor |
| LM75 | 2-Wire Serial Temperature Sensor and Monitor | ON Semiconductor |
| KM110B | Magnetic field sensor | NXP Semiconductors |
| CNY70 | Reflective Optical Sensor with Transistor Output | Vishay Siliconix |
| TCYS5201 | Transmissive Optical Sensor with Schmitt Trigger Logic Output | Vishay Siliconix |
| TK11032 | TEMPERATURE SENSOR IC | TOKO, Inc |
| TA8563FN | SHOCK SENSOR IC 1ch VERSION | Toshiba Semiconductor |
Link URL |
|
|
Related keyword |
| UT180320 Datasheet | UT180320 Cross Reference | UT180320 Schematic | UT180320 Distributor | UT180320 Datenblatt | UT180320 RoHS |
| UT180320 Equivalent | UT180320 Application Notes | UT180320 Data Sheet | UT180320 component | UT180320 Fiche Technique | UT180320 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.net 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |