Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1912X004 Datasheet (PDF) - Chicago Miniature Lamp,inc

1912X004 Datasheet PDF - Chicago Miniature Lamp,inc
Part # 1912X004
Download  1912X004 Download

File Size   387.93 Kbytes
Page   1 Pages
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc
Description LED Indicator 8mm Superflat Bezel Tri-Colour LED

1912X004 Datasheet (PDF)

Go To PDF Page Download Datasheet
1912X004 Datasheet PDF - Chicago Miniature Lamp,inc

Part # 1912X004
Download  1912X004 Click to download

File Size   387.93 Kbytes
Page   1 Pages
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc
Description LED Indicator 8mm Superflat Bezel Tri-Colour LED

1912X004 Datasheet (HTML) - Chicago Miniature Lamp,inc

1912X004 Datasheet HTML 1Page - Chicago Miniature Lamp,inc



Similar Part No. - 1912X004

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
19120 BELDEN-19120 Datasheet
144Kb / 2P
   Portable Cordage, 2 C #18 Str BC, EPDM Ins, Rubber Jkt, UL Type SV
05-05-2023
19120-010250 BELDEN-19120-010250 Datasheet
144Kb / 2P
   Portable Cordage, 2 C #18 Str BC, EPDM Ins, Rubber Jkt, UL Type SV
05-05-2023
logo
PHOENIX CONTACT
1912003 PHOENIX-1912003 Datasheet
683Kb / 13P
   COMBICON Plugs and Headers as a high current (HC) Version for Currents up to 16 A
logo
HARTING Technology Grou...
19120080411 HARTING-19120080411 Datasheet
488Kb / 2P
   Han-Compact-HTE-M25-black
19120080412 HARTING-19120080412 Datasheet
494Kb / 2P
   Han Compact-gg-M25-EMC
More results


Similar Description - 1912X004

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
1910XX54 CML-1910XX54 Datasheet
440Kb / 1P
   LED Indicator 8mm Superflat Bezel Tri-Colour LED
1910X004 CML-1910X004 Datasheet
386Kb / 1P
   LED Indicator 8mm Superflat Bezel Tri-Colour LED
1901X00X CML-1901X00X Datasheet
342Kb / 1P
   LED Indicator 8mm Superflat bezel
1901X35X CML-1901X35X Datasheet
403Kb / 1P
   LED Indicator 8mm Superflat bezel
1901X25X CML-1901X25X Datasheet
403Kb / 1P
   LED Indicator 8mm Superflat bezel
1913X004 CML-1913X004 Datasheet
389Kb / 1P
   LED Indicator 8mm Recessed (Interior) Bezel Tri-Colour LED
1924XX54 CML-1924XX54 Datasheet
438Kb / 1P
   LED Indicator 14mm Standard Bezel Tri-Colour LED
1900X35X CML-1900X35X Datasheet
352Kb / 1P
   LED Indicator 6mm Superflat bezel
1900X25X CML-1900X25X Datasheet
353Kb / 1P
   LED Indicator 6mm Superflat bezel
1900X00X CML-1900X00X Datasheet
345Kb / 1P
   LED Indicator 6mm Superflat bezel
More results




About Chicago Miniature Lamp,inc


Chicago Miniature Lamp, Inc. (CML) is a manufacturer of miniature and subminiature incandescent lamps, LEDs (Light-Emitting Diodes), and other lighting products. The company was founded in 1931 and is headquartered in Illinois, USA.

CML's products are used in a wide range of applications such as automotive, aerospace, medical, and industrial equipment. They offer a broad range of lighting solutions including T-1 through T-5mm LED lamps, PCB mountable LED indicators, and miniature incandescent lamps.

CML is known for their innovation in the lighting industry, having introduced many new technologies over the years. They have also built a reputation for quality and reliability, with a strong focus on customer service.

In addition to their standard products, CML provides customized lighting solutions to meet specific customer requirements. They have manufacturing facilities in the United States and Asia, and serve customers in over 50 countries.

Overall, CML is a trusted and reputable manufacturer of miniature lighting products, with a long history of innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com