Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC145482 Datasheet (PDF) - Motorola, Inc

MC145482 Datasheet PDF - Motorola, Inc
Part # MC145482
Download  MC145482 Download

File Size   221.01 Kbytes
Page   19 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 5V 13-BIT LINEAR PCM CODEC-FILTER

MC145482 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC145482 Datasheet PDF - Motorola, Inc

Part # MC145482
Download  MC145482 Click to download

File Size   221.01 Kbytes
Page   19 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 5V 13-BIT LINEAR PCM CODEC-FILTER

MC145482 Datasheet (HTML) - Motorola, Inc

Back Button MC145482 Datasheet HTML 1Page - Motorola, Inc MC145482 Datasheet HTML 2Page - Motorola, Inc MC145482 Datasheet HTML 3Page - Motorola, Inc MC145482 Datasheet HTML 4Page - Motorola, Inc MC145482 Datasheet HTML 5Page - Motorola, Inc MC145482 Datasheet HTML 6Page - Motorola, Inc MC145482 Datasheet HTML 7Page - Motorola, Inc MC145482 Datasheet HTML 8Page - Motorola, Inc MC145482 Datasheet HTML 9Page - Motorola, Inc MC145482 Datasheet HTML 10Page - Motorola, Inc Next Button 

MC145482 Product details

5V 13-Bit Linear PCM Codec-Filter

The MC145482 is a 13–bit linear PCM Codec–Filter with 2s complement data format, and is offered in 20–pin SOG and SSOP packages. This device performs the voice digitization and reconstruction as well as the band limiting and smoothing required for the voice coding in digital communication systems. This device is designed to operate in both synchronous and asynchronous applications and contains an on–chip precision reference voltage.
The MC145482 13–bit linear PCM Codec–Filter accepts both Short Frame Sync and Long Frame Sync clock formats, and utilizes CMOS due to its reliable low–power performance and proven capability for complex analog/digital VLSI functions.

• Single 5 V Power Supply
• 13–Bit Linear ADC/DAC Conversions with 2s Complement Data Format
• Typical Power Dissipation of 25 mW, Power–Down of 0.01 mW
• Fully–Differential Analog Circuit Design for Lowest Noise
• Transmit Band–Pass and Receive Low–Pass Filters On–Chip
• Transmit High–Pass Filter May be Bypassed by Pin Selection
• Active R–C Pre–Filtering and Post–Filtering
• On–Chip Precision Reference Voltage of 1.575 V for a 0 dBm TLP @ 600 Ω
• Full–Duplex Sample Rates from 7 k to 16 k Samples/s
• 3–Terminal Input Op Amp Can be Used, or a 2–Channel Input Multiplexer
• Receive Gain Control from 0 dB to – 21 dB in 3 dB Steps in Synchronous Operation
• Push–Pull 300 Ω Power Drivers with External Gain Adjust




Similar Part No. - MC145482

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145480 MOTOROLA-MC145480 Datasheet
418Kb / 24P
   5V PCM CODEC-FILTER
MC145480DW MOTOROLA-MC145480DW Datasheet
418Kb / 24P
   5V PCM CODEC-FILTER
MC145480P MOTOROLA-MC145480P Datasheet
418Kb / 24P
   5V PCM CODEC-FILTER
MC145480VF MOTOROLA-MC145480VF Datasheet
418Kb / 24P
   5V PCM CODEC-FILTER
MC145481 MOTOROLA-MC145481 Datasheet
319Kb / 23P
   3V PCM CODEC-FILTER
More results


Similar Description - MC145482

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145483 MOTOROLA-MC145483 Datasheet
220Kb / 19P
   3V 13-BIT LINEAR PCM CODEC-FILTER
logo
Freescale Semiconductor...
MC145483ENR2 FREESCALE-MC145483ENR2 Datasheet
1Mb / 24P
   3 V 13-BIT LINEAR PCM CODEC-FILTER
logo
Motorola, Inc
MC145484 MOTOROLA-MC145484 Datasheet
293Kb / 26P
   5V PCM CODEC-FILTER
MC145480 MOTOROLA-MC145480 Datasheet
418Kb / 24P
   5V PCM CODEC-FILTER
logo
NXP Semiconductors
MC145484 NXP-MC145484 Datasheet
607Kb / 28P
   5V PCM Codec-Filter
REV 2 3/98
logo
Motorola, Inc
MC145402 MOTOROLA-MC145402 Datasheet
137Kb / 16P
   Serial 13-Bit Linear Codec
logo
KODENSHI_AUK CORP.
KK145567 KODENSHI-KK145567 Datasheet
373Kb / 10P
   PCM CODEC - FILTER
logo
Motorola, Inc
MC145554 MOTOROLA-MC145554 Datasheet
342Kb / 20P
   PCM Codec-Filter
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554 Datasheet
1Mb / 18P
   PCM Codec-Filter
logo
Integral Corp.
IL145567 INTEGRAL-IL145567 Datasheet
355Kb / 10P
   PCM CODEC - FILTER
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com