Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC145483SD Datasheet (PDF) - Motorola, Inc

MC145483SD Datasheet PDF - Motorola, Inc
Part # MC145483SD
Download  MC145483SD Download

File Size   220.02 Kbytes
Page   19 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 3V 13-BIT LINEAR PCM CODEC-FILTER

MC145483SD Datasheet (PDF)

Go To PDF Page Download Datasheet
MC145483SD Datasheet PDF - Motorola, Inc

Part # MC145483SD
Download  MC145483SD Click to download

File Size   220.02 Kbytes
Page   19 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 3V 13-BIT LINEAR PCM CODEC-FILTER

MC145483SD Datasheet (HTML) - Motorola, Inc

Back Button MC145483SD Datasheet HTML 1Page - Motorola, Inc MC145483SD Datasheet HTML 2Page - Motorola, Inc MC145483SD Datasheet HTML 3Page - Motorola, Inc MC145483SD Datasheet HTML 4Page - Motorola, Inc MC145483SD Datasheet HTML 5Page - Motorola, Inc MC145483SD Datasheet HTML 6Page - Motorola, Inc MC145483SD Datasheet HTML 7Page - Motorola, Inc MC145483SD Datasheet HTML 8Page - Motorola, Inc MC145483SD Datasheet HTML 9Page - Motorola, Inc MC145483SD Datasheet HTML 10Page - Motorola, Inc Next Button 

MC145483SD Product details

The MC145483 is a 13–bit linear PCM Codec–Filter with 2s complement data format, and is offered in 20–pin SOG and SSOP packages. This device performs the voice digitization and reconstruction as well as the band limiting and smoothing required for the voice coding in digital communication systems. This device is designed to operate in both synchronous and asynchronous applications and contains an on–chip precision reference voltage.



• Single 3 V Power Supply

• 13–Bit Linear ADC/DAC Conversions with 2s Complement Data Format

• Typical Power Dissipation of 8 mW, Power–Down of 0.01 mW

• Fully–Differential Analog Circuit Design for Lowest Noise

• Transmit Band–Pass and Receive Low–Pass Filters On–Chip

• Transmit High–Pass Filter May be Bypassed by Pin Selection

• Active R–C Pre–Filtering and Post–Filtering

• On–Chip Precision Reference Voltage of 0.886 V for a – 5 dBm TLP@ 600 Ω

• 3–Terminal Input Op Amp Can be Used, or a 2–Channel Input Multiplexer

• Receive Gain Control from 0 dB to – 21 dB in 3 dB Steps in Synchronous Operation

• Push–Pull 300 Ω Power Drivers with External Gain Adjust




Similar Part No. - MC145483SD

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC145483ENR2 FREESCALE-MC145483ENR2 Datasheet
1Mb / 24P
   3 V 13-BIT LINEAR PCM CODEC-FILTER
More results


Similar Description - MC145483SD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145482 MOTOROLA-MC145482 Datasheet
221Kb / 19P
   5V 13-BIT LINEAR PCM CODEC-FILTER
logo
Freescale Semiconductor...
MC145483ENR2 FREESCALE-MC145483ENR2 Datasheet
1Mb / 24P
   3 V 13-BIT LINEAR PCM CODEC-FILTER
logo
Motorola, Inc
MC145481 MOTOROLA-MC145481 Datasheet
319Kb / 23P
   3V PCM CODEC-FILTER
logo
Winbond
W681360 WINBOND-W681360 Datasheet
520Kb / 34P
   3V SINGLE-CHANNEL 13-BIT LINEAR VOICE-BAND CODEC
logo
Nuvoton Technology Corp...
W681360 NUVOTON-W681360 Datasheet
758Kb / 34P
   3V SINGLE-CHANNEL 13-BIT LINEAR VOICE-BAND CODEC
logo
Motorola, Inc
MC145402 MOTOROLA-MC145402 Datasheet
137Kb / 16P
   Serial 13-Bit Linear Codec
logo
KODENSHI_AUK CORP.
KK145567 KODENSHI-KK145567 Datasheet
373Kb / 10P
   PCM CODEC - FILTER
logo
Motorola, Inc
MC145554 MOTOROLA-MC145554 Datasheet
342Kb / 20P
   PCM Codec-Filter
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554 Datasheet
1Mb / 18P
   PCM Codec-Filter
logo
Integral Corp.
IL145567 INTEGRAL-IL145567 Datasheet
355Kb / 10P
   PCM CODEC - FILTER
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com