Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

19592X54 Datasheet (PDF) - Chicago Miniature Lamp,inc

19592X54 Datasheet PDF - Chicago Miniature Lamp,inc
Part # 19592X54
Download  19592X54 Download

File Size   424.93 Kbytes
Page   1 Pages
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc
Description LED Indicator 5mm For Flush Mounting Tri-Colour LED

19592X54 Datasheet (PDF)

Go To PDF Page Download Datasheet
19592X54 Datasheet PDF - Chicago Miniature Lamp,inc

Part # 19592X54
Download  19592X54 Click to download

File Size   424.93 Kbytes
Page   1 Pages
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc
Description LED Indicator 5mm For Flush Mounting Tri-Colour LED

19592X54 Datasheet (HTML) - Chicago Miniature Lamp,inc

19592X54 Datasheet HTML 1Page - Chicago Miniature Lamp,inc



Similar Part No. - 19592X54

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
19592251 CML-19592251 Datasheet
387Kb / 1P
   LED Indicator 5mm for Flush Mounting
19592252 CML-19592252 Datasheet
387Kb / 1P
   LED Indicator 5mm for Flush Mounting
19592253 CML-19592253 Datasheet
387Kb / 1P
   LED Indicator 5mm for Flush Mounting
1959225X CML-1959225X Datasheet
387Kb / 1P
   LED Indicator 5mm for Flush Mounting
19592351 CML-19592351 Datasheet
387Kb / 1P
   LED Indicator 5mm for Flush Mounting
More results


Similar Description - 19592X54

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
19591X54 CML-19591X54 Datasheet
424Kb / 1P
   LED Indicator 5mm For Flush Mounting Tri-Colour LED
19590X54 CML-19590X54 Datasheet
425Kb / 1P
   LED Indicator 5mm For Flush Mounting Tri-Colour LED
1959225X CML-1959225X Datasheet
387Kb / 1P
   LED Indicator 5mm for Flush Mounting
1959235X CML-1959235X Datasheet
387Kb / 1P
   LED Indicator 5mm for Flush Mounting
1959125X CML-1959125X Datasheet
386Kb / 1P
   LED Indicator 5mm for Flush Mounting
1959135X CML-1959135X Datasheet
386Kb / 1P
   LED Indicator 5mm for Flush Mounting
1959035X CML-1959035X Datasheet
387Kb / 1P
   LED Indicator 5mm for Flush Mounting
1959025X CML-1959025X Datasheet
387Kb / 1P
   LED Indicator 5mm for Flush Mounting
1924X004 CML-1924X004 Datasheet
360Kb / 1P
   LED Indicator 14mm Standard Tri-Colour
1910X004 CML-1910X004 Datasheet
386Kb / 1P
   LED Indicator 8mm Superflat Bezel Tri-Colour LED
More results




About Chicago Miniature Lamp,inc


Chicago Miniature Lamp, Inc. (CML) is a manufacturer of miniature and subminiature incandescent lamps, LEDs (Light-Emitting Diodes), and other lighting products. The company was founded in 1931 and is headquartered in Illinois, USA.

CML's products are used in a wide range of applications such as automotive, aerospace, medical, and industrial equipment. They offer a broad range of lighting solutions including T-1 through T-5mm LED lamps, PCB mountable LED indicators, and miniature incandescent lamps.

CML is known for their innovation in the lighting industry, having introduced many new technologies over the years. They have also built a reputation for quality and reliability, with a strong focus on customer service.

In addition to their standard products, CML provides customized lighting solutions to meet specific customer requirements. They have manufacturing facilities in the United States and Asia, and serve customers in over 50 countries.

Overall, CML is a trusted and reputable manufacturer of miniature lighting products, with a long history of innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com