Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM1D-1215D Datasheet (PDF) - AIMTEC

AM1D-1215D Datasheet PDF - AIMTEC
Part # AM1D-1215D
Download  AM1D-1215D Download

File Size   268.06 Kbytes
Page   3 Pages
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC
Description 1 watt dc-dc converters

AM1D-1215D Datasheet (PDF)

Go To PDF Page Download Datasheet
AM1D-1215D Datasheet PDF - AIMTEC

Part # AM1D-1215D
Download  AM1D-1215D Click to download

File Size   268.06 Kbytes
Page   3 Pages
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC
Description 1 watt dc-dc converters

AM1D-1215D Datasheet (HTML) - AIMTEC

AM1D-1215D Datasheet HTML 1Page - AIMTEC AM1D-1215D Datasheet HTML 2Page - AIMTEC AM1D-1215D Datasheet HTML 3Page - AIMTEC

AM1D-1215D Product details

GENERAL DESCRIPTION
Our AM1D series is a family of cost effective 1W single, dual, dual separate output isolated DC-DC converters. These converters achieve low cost and ultra-miniature SIP7 pin size without compromising performance and reliability.

1 watt dc-dc converters

• 7PIN SIP PACKAGE
• LOW RIPPLE & NOISE
• HIGH EFFICIENCY UP TO 80%
• INPUT/OUTPUT ISOLATION: 1000, 3000, 4000 & 5200VDC
• OPERATING TEMPERATURE: -40°C ... +85°C
• PIN-COMPATIBLE WITH MULTIPLE MANUFACTURERS




Similar Part No. - AM1D-1215D

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1D-1215D-N AIMTEC-AM1D-1215D-N Datasheet
413Kb / 3P
   1 watt dc-dc converters
AM1D-1215D-NZ AIMTEC-AM1D-1215D-NZ Datasheet
346Kb / 4P
   1 Watt | DC-DC Converter
AM1D-1215D-RZ AIMTEC-AM1D-1215D-RZ Datasheet
174Kb / 5P
   1 Watt | DC-DC Converter
AM1D-1215DH30-N AIMTEC-AM1D-1215DH30-N Datasheet
413Kb / 3P
   1 watt dc-dc converters
AM1D-1215DH30-NZ AIMTEC-AM1D-1215DH30-NZ Datasheet
346Kb / 4P
   1 Watt | DC-DC Converter
More results


Similar Description - AM1D-1215D

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1D-N AIMTEC-AM1D-N Datasheet
413Kb / 3P
   1 watt dc-dc converters
logo
RSG Electronic Componen...
EC1SA01N RSG-EC1SA01N Datasheet
382Kb / 1P
   1 WATT DC-DC CONVERTERS
logo
List of Unclassifed Man...
AM1L-0505SH30-N ETC-AM1L-0505SH30-N Datasheet
530Kb / 4P
   1 watt dc-dc converters
logo
AIMTEC
AM1S-N AIMTEC-AM1S-N Datasheet
341Kb / 2P
   1 watt dc-dc converters
AM1P-N AIMTEC-AM1P-N Datasheet
322Kb / 2P
   1 watt dc-dc converters
AM1DR-N AIMTEC-AM1DR-N Datasheet
288Kb / 2P
   1 watt dc-dc converters
AM1N-N AIMTEC-AM1N-N Datasheet
423Kb / 3P
   1 watt dc-dc converters
AM1DR AIMTEC-AM1DR Datasheet
233Kb / 2P
   1 watt dc-dc converters
AM1S AIMTEC-AM1S Datasheet
240Kb / 2P
   1 watt dc-dc converters
AM1L-N AIMTEC-AM1L-N Datasheet
530Kb / 4P
   1 watt dc-dc converters
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com