Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZX5T869G Datasheet (PDF) - Zetex Semiconductors

ZX5T869G Datasheet PDF - Zetex Semiconductors
Part # ZX5T869G
Download  ZX5T869G Download

File Size   127.52 Kbytes
Page   6 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description 25V NPN LOW SATURATION TRANSISTOR IN SOT223

ZX5T869G Datasheet (PDF)

Go To PDF Page Download Datasheet
ZX5T869G Datasheet PDF - Zetex Semiconductors

Part # ZX5T869G
Download  ZX5T869G Click to download

File Size   127.52 Kbytes
Page   6 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description 25V NPN LOW SATURATION TRANSISTOR IN SOT223

ZX5T869G Datasheet (HTML) - Zetex Semiconductors

ZX5T869G Datasheet HTML 1Page - Zetex Semiconductors ZX5T869G Datasheet HTML 2Page - Zetex Semiconductors ZX5T869G Datasheet HTML 3Page - Zetex Semiconductors ZX5T869G Datasheet HTML 4Page - Zetex Semiconductors ZX5T869G Datasheet HTML 5Page - Zetex Semiconductors ZX5T869G Datasheet HTML 6Page - Zetex Semiconductors

ZX5T869G Product details

DESCRIPTION
Packaged in the SOT223 outline this new 5th generation low saturation 25V NPN transistor offers extremely low on state losses making it ideal for use in DC-DC circuits and various driving and power management functions.

FEATURES
• Extemely low equivalent on-resistance; RSAT = 30m at 6.5A
• 7 amps continuous current
• Up to 20 amps peak current
• Very low saturation voltages
• Excellent hFE characteristics up to 20 amps

APPLICATIONS
• DC - DC converters
• MOSFET gate drivers
• Charging circuits
• Power switches
• Motor control




Similar Part No. - ZX5T869G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZX5T869G DIODES-ZX5T869G Datasheet
132Kb / 6P
   25V NPN LOW SATURATION TRANSISTOR IN SOT223
ZX5T869GTA DIODES-ZX5T869GTA Datasheet
132Kb / 6P
   25V NPN LOW SATURATION TRANSISTOR IN SOT223
ZX5T869GTC DIODES-ZX5T869GTC Datasheet
132Kb / 6P
   25V NPN LOW SATURATION TRANSISTOR IN SOT223
More results


Similar Description - ZX5T869G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZX5T869G DIODES-ZX5T869G Datasheet
132Kb / 6P
   25V NPN LOW SATURATION TRANSISTOR IN SOT223
logo
Zetex Semiconductors
ZXTN2005G ZETEX-ZXTN2005G Datasheet
127Kb / 6P
   25V NPN LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZXTN2005G DIODES-ZXTN2005G Datasheet
141Kb / 6P
   25V NPN LOW SATURATION TRANSISTOR IN SOT223
ZXTN2005G DIODES-ZXTN2005G_15 Datasheet
476Kb / 7P
   25V NPN LOW SATURATION TRANSISTOR IN SOT223
ZXTN649F DIODES-ZXTN649F_15 Datasheet
246Kb / 7P
   25V NPN LOW SATURATION TRANSISTOR IN SOT23
DSS60601MZ4 DIODES-DSS60601MZ4_15 Datasheet
306Kb / 8P
   60V NPN LOW SATURATION TRANSISTOR IN SOT223
FZT869 DIODES-FZT869_15 Datasheet
663Kb / 7P
   25V NPN HIGH CURRENT TRANSISTOR IN SOT223
ZXTN2011G DIODES-ZXTN2011G_15 Datasheet
142Kb / 6P
   100V NPN LOW SATURATION MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Zetex Semiconductors
ZXTN2011G ZETEX-ZXTN2011G_06 Datasheet
135Kb / 6P
   100V NPN LOW SATURATION MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZXTN2011G ZETEX-ZXTN2011G Datasheet
122Kb / 6P
   100V NPN LOW SATURATION MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com