Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB3853 Datasheet (PDF) - Fujitsu Component Limited.

MB3853 Datasheet PDF - Fujitsu Component Limited.
Part # MB3853
Download  MB3853 Download

File Size   126.69 Kbytes
Page   14 Pages
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.
Description 1A Motor Drive IC for Motor Applications

MB3853 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB3853 Datasheet PDF - Fujitsu Component Limited.

Part # MB3853
Download  MB3853 Click to download

File Size   126.69 Kbytes
Page   14 Pages
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.
Description 1A Motor Drive IC for Motor Applications

MB3853 Datasheet (HTML) - Fujitsu Component Limited.

Back Button MB3853 Datasheet HTML 1Page - Fujitsu Component Limited. MB3853 Datasheet HTML 2Page - Fujitsu Component Limited. MB3853 Datasheet HTML 3Page - Fujitsu Component Limited. MB3853 Datasheet HTML 4Page - Fujitsu Component Limited. MB3853 Datasheet HTML 5Page - Fujitsu Component Limited. MB3853 Datasheet HTML 6Page - Fujitsu Component Limited. MB3853 Datasheet HTML 7Page - Fujitsu Component Limited. MB3853 Datasheet HTML 8Page - Fujitsu Component Limited. MB3853 Datasheet HTML 9Page - Fujitsu Component Limited. MB3853 Datasheet HTML 10Page - Fujitsu Component Limited. Next Button 

MB3853 Product details

■ DESCRIPTION
The FUJITSU MB3853 is a motor drive IC with two power driver channels capable of sink/source operation, for use in two-channel independent operation or H-type drive operation.
The control system and output system have independent power supplies, allowing the control system to be set to low-voltage operation to conserve power.
Protective circuits are provided for temperature, overvoltage, and overload current, with an open collector type monitoring terminal.
The MB3853 is designed for use with motors in AV products, office automation products, or cameras, and is also an ideal IC for use in automated vending equipment and other unmanned operating devices.

■ FEATURES
• Circuit configuration
    Two sets of built-in control circuits and power circuits
    Built-in fly-back diode
• Functions
    Can drive two motors independently or in H-type drive configurations
    Built-in inhibitor function
• Input/output terminals
    Power supply terminals : Independent control system supply terminal and output system supply terminal
    Control terminals : TTL level/CMOS level compatible
    Monitor terminal : Open collector type
• Space-saving package (SIP9)




Similar Part No. - MB3853

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MB38 PANJIT-MB38 Datasheet
104Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zibo Seno Electronic En...
MB38 ZSELEC-MB38 Datasheet
104Kb / 2P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Pan Jit International I...
MB38-AU PANJIT-MB38-AU Datasheet
288Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
MB38-AU_R1_000A1 PANJIT-MB38-AU_R1_000A1 Datasheet
288Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
MB38-AU_R2_000A1 PANJIT-MB38-AU_R2_000A1 Datasheet
288Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Similar Description - MB3853

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRMCK099 INFINEON-IRMCK099 Datasheet
1Mb / 31P
   iMOTION??motor control IC for single motor drive
Revision 1.0 2014-12-18
logo
International Rectifier
IRAMX16UP60B IRF-IRAMX16UP60B_15 Datasheet
458Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAM136-1060B IRF-IRAM136-1060B Datasheet
301Kb / 18P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAMS12UP60A IRF-IRAMS12UP60A Datasheet
301Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAM109-015SD IRF-IRAM109-015SD Datasheet
316Kb / 15P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAMX16UP60A IRF-IRAMX16UP60A_08 Datasheet
379Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAM136-0760A IRF-IRAM136-0760A Datasheet
258Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAMX16UP60A-2 IRF-IRAMX16UP60A-2 Datasheet
379Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications.
IRAMS10UP60B IRF-IRAMS10UP60B_05 Datasheet
485Kb / 17P
   INTEGRATED POWER HYBRID IC FOR APPLIANCE MOTOR DRIVE APPLICATIONS
IRAM136-1061A IRF-IRAM136-1061A Datasheet
562Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
More results




About Fujitsu Component Limited.


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com