![]() Datasheet Search System ![]() Mirror site : alldatasheet.com, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
50D-5 - THERMOPILE TYPE INFRARED SENSOR - ETC |
|
Click Here View 50D-5 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| TP337 | Thermopile Infrared Sensor | ETC |
| TS-1AMB | THERMOPILE INFRARED SENSOR | ETC |
| GL560 | Low Peak Forward Voltage Type ¥Õ 5 Resin Mold Package Infrared Emitting Diodes | Sharp Electrionic Components |
| LZ2346 | Twopower supply +5 V and +12 V operation CCIR 1/3 type B/W CCD Area Sensor for CCIR | Sharp Electrionic Components |
| ICX038DNB | Diagonal 8mm Type 1/2 CCD Image Sensor for NTSC Color Video Cameras | Sony Corporation |
| ICX058CK | Diagonal 6mm Type 1/3 CCD Image Sensor for NTSC Color Video Camera | Sony Corporation |
| ICX074AL | Diagonal 8mm Type 1/2 Progressive Scan CCD Image Sensor with Square Pixel for EIA B/W Video Cameras | Sony Corporation |
| ICX086AKB | Diagonal 4.5mm Type 1/4 CCD Image Sensor for NTSC Color Video Cameras | Sony Corporation |
| ICX206AK | Diagonal 4.5mm Type 1/4 CCD Image Sensor for NTSC Color Video Cameras | Sony Corporation |
| ICX226AK | Diagonal 4.5mm Type 1/4 CCD Image Sensor for NTSC Color Video Cameras | Sony Corporation |
Link URL |
|
|
Related keyword |
| 50D-5 Datasheet | 50D-5 Cross Reference | 50D-5 Schematic | 50D-5 Distributor | 50D-5 Datenblatt | 50D-5 RoHS |
| 50D-5 Equivalent | 50D-5 Application Notes | 50D-5 Data Sheet | 50D-5 component | 50D-5 Fiche Technique | 50D-5 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.net 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |