Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA-A37C-FREQ Datasheet (PDF) - Nel Frequency Controls,inc

SA-A37C-FREQ Datasheet PDF - Nel Frequency Controls,inc
Part # SA-A37C-FREQ
Download  SA-A37C-FREQ Download

File Size   298.78 Kbytes
Page   2 Pages
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc
Description CRYSTAL CLOCK OSCILLATORS

SA-A37C-FREQ Datasheet (PDF)

Go To PDF Page Download Datasheet
SA-A37C-FREQ Datasheet PDF - Nel Frequency Controls,inc

Part # SA-A37C-FREQ
Download  SA-A37C-FREQ Click to download

File Size   298.78 Kbytes
Page   2 Pages
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc
Description CRYSTAL CLOCK OSCILLATORS

SA-A37C-FREQ Datasheet (HTML) - Nel Frequency Controls,inc

SA-A37C-FREQ Datasheet HTML 1Page - Nel Frequency Controls,inc SA-A37C-FREQ Datasheet HTML 2Page - Nel Frequency Controls,inc

SA-A37C-FREQ Product details

Description

The HA-A370 Series of quartz crystal oscillators are resistance welded in an all metal package, offering

RFI shielding, and are designed to survive standard wave soldering operations without damage. Insulated

standoffs to enhance board cleaning are standard. Low voltage operation (3.3V).




Features

• Wide frequency range–0.5MHz to 70.0MHz

• User specified tolerance available

• Will withstand vapor phase temperatures of 253°C for 4 minutes maximum

• Space-saving alternative to discrete component oscillators

• High shock resistance, to 3000g

• 3.3 volt operation

• Low Jitter

• Low power consumption


• TTL compatible (HCT) at specified supply voltage

• High Q Crystal actively tuned oscillator circuit

• Power supply decoupling internal

• No internal PLL avoids cascading PLL problems

• High frequencies due to proprietary design

All metal, resistance weld, hermetically sealed package

• Gold plated leads - Solder dipped leads available upon request




Similar Part No. - SA-A37C-FREQ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SA-A390-FREQ ETC1-SA-A390-FREQ Datasheet
407Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SA-A391-FREQ ETC1-SA-A391-FREQ Datasheet
407Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SA-A397-FREQ ETC1-SA-A397-FREQ Datasheet
407Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SA-A399-FREQ ETC1-SA-A399-FREQ Datasheet
407Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SA-A39A-FREQ ETC1-SA-A39A-FREQ Datasheet
407Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
More results


Similar Description - SA-A37C-FREQ

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
HS-600 NEL-HS-600 Datasheet
297Kb / 2P
   Crystal Clock Oscillators
logo
List of Unclassifed Man...
HS-2870 ETC1-HS-2870 Datasheet
362Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SC-A1440 ETC1-SC-A1440 Datasheet
278Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
logo
Nel Frequency Controls,...
SD-B2980 NEL-SD-B2980 Datasheet
50Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SJ-160 NEL-SJ-160 Datasheet
258Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SJ-B2870 NEL-SJ-B2870 Datasheet
381Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SK-A2D00 NEL-SK-A2D00 Datasheet
255Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
logo
Wolfgang Knap
22SMOP WK-22SMOP Datasheet
98Kb / 1P
   Crystal Clock Oscillators
32SMOP WK-32SMOP Datasheet
100Kb / 1P
   Crystal Clock Oscillators
logo
List of Unclassifed Man...
SJ460 ETC-SJ460 Datasheet
256Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SC-A1420 ETC1-SC-A1420 Datasheet
41Kb / 2P
   Crystal Clock Oscillators
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com