Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADIS16255 Datasheet (PDF) - Analog Devices

ADIS16255 Datasheet PDF - Analog Devices
Part # ADIS16255
Download  ADIS16255 Download

File Size   252.82 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Programmable Low Power Gyroscope with Temperature Compensation

ADIS16255 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADIS16255 Datasheet PDF - Analog Devices

Part # ADIS16255
Download  ADIS16255 Click to download

File Size   252.82 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Programmable Low Power Gyroscope with Temperature Compensation

ADIS16255 Datasheet (HTML) - Analog Devices

Back Button ADIS16255 Datasheet HTML 1Page - Analog Devices ADIS16255 Datasheet HTML 2Page - Analog Devices ADIS16255 Datasheet HTML 3Page - Analog Devices ADIS16255 Datasheet HTML 4Page - Analog Devices ADIS16255 Datasheet HTML 5Page - Analog Devices ADIS16255 Datasheet HTML 6Page - Analog Devices ADIS16255 Datasheet HTML 7Page - Analog Devices ADIS16255 Datasheet HTML 8Page - Analog Devices ADIS16255 Datasheet HTML 9Page - Analog Devices ADIS16255 Datasheet HTML 10Page - Analog Devices Next Button 

ADIS16255 Product details

GENERAL DESCRIPTION
The ADIS16250/ADIS16255 are complete angular rate measurement systems available in a single compact package enabled by Analog Devices, Inc. iSensor™ integration. By enhancing Analog Devices iMEMS® sensor technology with an embedded signal processing solution, the ADIS16250/ADIS16255 provide factory-calibrated and tunable digital sensor data in a convenient format that can be accessed using a simple SPI serial interface. The ADIS16255 additionally provides an extended temperature calibration. The SPI interface provides access to measurements for the gyroscope, temperature, power supply, and one auxiliary analog input. Easy access to calibrated digital sensor data provides developers with a system-ready device, reducing development time, cost, and program risk.

FEATURES
   Yaw rate gyroscope with digital range scaling
      ±80°/sec, ±160°/sec, and ±320°/sec settings
   14-bit digital gyroscope sensor outputs
   12-bit digital temperature sensor output
   Calibrated sensitivity and bias
      ADIS16250: +25°C
      ADIS16255: −40°C to +85°C
   In-system, auto-zero for bias drift calibration
   Digitally controlled sample rate
   Digitally controlled frequency response
   Dual alarm settings with configurable operation
   Embedded integration for short-term angle estimates
   Digitally activated self-test
   Digitally activated low power mode
      Interrupt-driven wake-up
   SPI®-compatible serial interface
   50 Hz sensor bandwidth
   Auxiliary 12-bit ADC input and 12-bit DAC output
   Auxiliary digital input/output
   Single-supply operation: 4.75 V to 5.25 V
   2000 g powered shock survivability

APPLICATIONS
   Instrumentation control
   Platform control and stabilization
   Motion control and analysis
   Avionics instrumentation
   Navigation
   Image stabilization
   Robotics




Similar Part No. - ADIS16255

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16255 AD-ADIS16255 Datasheet
1Mb / 15P
   iSensor PC-USB Evaluation System
Rev. PrA
ADIS16255PCBZ AD-ADIS16255PCBZ Datasheet
1Mb / 15P
   iSensor PC-USB Evaluation System
Rev. PrA
ADIS16255 AD-ADIS16255_15 Datasheet
371Kb / 20P
   Programmable Low Power Gyroscope
REV. D
More results


Similar Description - ADIS16255

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16255 AD-ADIS16255_15 Datasheet
371Kb / 20P
   Programmable Low Power Gyroscope
REV. D
ADIS16251 AD-ADIS16251 Datasheet
252Kb / 20P
   Programmable Low Power Gyroscope
Rev. PrA
ADIS16250 AD-ADIS16250_15 Datasheet
371Kb / 20P
   Programmable Low Power Gyroscope
REV. D
ADIS16250 AD-ADIS16250 Datasheet
445Kb / 20P
   Programmable Low Power Gyroscope
REV. 0
ADIS16260 AD-ADIS16260 Datasheet
386Kb / 19P
   Programmable Low Power Gyroscope
Rev. PrB
ADIS16251 AD-ADIS16251_15 Datasheet
462Kb / 24P
   Programmable Low Power Gyroscope
REV. A
logo
Microchip Technology
EMC1412-1-ACZL-TR MICROCHIP-EMC1412-1-ACZL-TR Datasheet
764Kb / 47P
   Temperature Sensor with Beta Compensation
Revision 1.41 02-23-12
logo
Analog Devices
TMP01 AD-TMP01_09 Datasheet
323Kb / 20P
   Low Power Programmable Temperature Controller
Rev. E
TMP01 AD-TMP01 Datasheet
377Kb / 16P
   Low Power, Programmable Temperature Controller
REV. C
TMP01 AD-TMP01_15 Datasheet
323Kb / 20P
   Low Power Programmable Temperature Controller
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com