Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K1613 Datasheet (PDF) - MTRONPTI

K1613 Datasheet PDF - MTRONPTI
Part # K1613
Download  K1613 Download

File Size   404.77 Kbytes
Page   2 Pages
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI
Description 3.3V Voltage Controlled Temperature Compensated Crystal Oscillators

K1613 Datasheet (PDF)

Go To PDF Page Download Datasheet
K1613 Datasheet PDF - MTRONPTI

Part # K1613
Download  K1613 Click to download

File Size   404.77 Kbytes
Page   2 Pages
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI
Description 3.3V Voltage Controlled Temperature Compensated Crystal Oscillators

K1613 Datasheet (HTML) - MTRONPTI

K1613 Datasheet HTML 1Page - MTRONPTI K1613 Datasheet HTML 2Page - MTRONPTI

K1613 Product details

Applications: Phase Locked Loops Clocking

   “Sync” to NTSC Video Standards; Reference

   Signal; Signal Tracking

±10ppm Stability

-40°C to 85°C Op. Temperature

“Clipped” Sine Wave Output

Non Hermetic Package




Similar Part No. - K1613

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
K1613 MTRONPTI-K1613 Datasheet
291Kb / 2P
   14 pin DIP, 3.3 Volt, Sinewave, TCXO
K1613 MTRONPTI-K1613_06 Datasheet
291Kb / 2P
   14 pin DIP, 3.3 Volt, Sinewave, TCXO
More results


Similar Description - K1613

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
OE-XBFXXXX-X NEL-OE-XBFXXXX-X Datasheet
111Kb / 3P
   temperature compensated, voltage controlled crystal oscillators (TCVCXO)
logo
MTRONPTI
K1610 MTRONPTI-K1610 Datasheet
404Kb / 2P
   5V Voltage Controlled Temperature Compensated Crystal Oscillators
K1700A MTRONPTI-K1700A Datasheet
107Kb / 2P
   5V Temperature Compensated Voltage Controlled Crystal Oscillators
logo
Nel Frequency Controls,...
OK-XBFXXXX-X NEL-OK-XBFXXXX-X Datasheet
119Kb / 3P
   temperature compensated, voltage controlled crystal oscillators (TCVCXO)
OR-XBFXXXX-X NEL-OR-XBFXXXX-X Datasheet
123Kb / 3P
   temperature compensated, voltage controlled crystal oscillators (TCVCXO)
logo
MTRONPTI
MTCVO31 MTRONPTI-MTCVO31 Datasheet
34Kb / 1P
   Temperature Compensated Voltage Controlled Crystal Oscillators (TCVCXO)
MTCVO11 MTRONPTI-MTCVO11 Datasheet
62Kb / 1P
   Surface Mount Temperature Compensated Voltage Controlled Crystal Oscillators (TCVCXO)
K573A MTRONPTI-K573A Datasheet
413Kb / 2P
   3.3V Voltage Controlled Crystal Oscillators
MTCVO25 MTRONPTI-MTCVO25 Datasheet
70Kb / 1P
   Surface Mount Temperature Compensated Voltage Controlled Crystal Oscillators (TCVCXO)
MTCVO1121 MTRONPTI-MTCVO1121 Datasheet
62Kb / 1P
   Surface Mount Temperature Compensated Voltage Controlled Crystal Oscillators (TCVCXO)
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com