Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BP320240E Datasheet (PDF) - Bolymin, Inc

BP320240E Datasheet PDF - Bolymin, Inc
Part # BP320240E
Download  BP320240E Download

File Size   84.45 Kbytes
Page   1 Pages
Manufacturer  BOLYMIN [Bolymin, Inc]
Direct Link  http://www.bolymin.com.tw
Logo BOLYMIN - Bolymin, Inc
Description FSTN LCD, TAB IC and PCB package Built-in controller SED1335

BP320240E Datasheet (PDF)

Go To PDF Page Download Datasheet
BP320240E Datasheet PDF - Bolymin, Inc

Part # BP320240E
Download  BP320240E Click to download

File Size   84.45 Kbytes
Page   1 Pages
Manufacturer  BOLYMIN [Bolymin, Inc]
Direct Link  http://www.bolymin.com.tw
Logo BOLYMIN - Bolymin, Inc
Description FSTN LCD, TAB IC and PCB package Built-in controller SED1335

BP320240E Datasheet (HTML) - Bolymin, Inc

BP320240E Datasheet HTML 1Page - Bolymin, Inc

BP320240E Product details

[BOLYMIN]

Feature
1. FSTN LCD, TAB IC and PCB package
2. Built-in controller SED1335
3. +3V ~ +5V single power supply, with built-in positive voltage for LCD driving
4. 1/240 duty cycle
5. Option: LED/white
6. Option: Touch panel & touch panel controller

Mechanical Data
Item                        Standard Value Unit
Module Dimension      85.0 x 98.2 mm
Viewing Area             62.0 x 81.8 mm
Dot Size                   0.225 x 0.225  mm
Dot Pitch                 0.24 x 0.24  mm




Similar Part No. - BP320240E

ManufacturerPart #DatasheetDescription
logo
Bolymin, Inc
BP320240E-20B BOLYMIN-BP320240E-20B Datasheet
147Kb / 1P
   FSTN LCD, TAB IC and PCB package Built-in controller SED 13700,USB Interface
BP320240E BOLYMIN-BP320240E_17 Datasheet
687Kb / 1P
   COB with metal frame
More results


Similar Description - BP320240E

ManufacturerPart #DatasheetDescription
logo
Bolymin, Inc
BP240160B BOLYMIN-BP240160B Datasheet
188Kb / 1P
   FSTN LCD, TAB IC and PCB package Built-in controller SED1335
BP160160B BOLYMIN-BP160160B Datasheet
155Kb / 1P
   FSTN LCD, TAB IC, TCP package Built-in controller SED1335
BP320240F BOLYMIN-BP320240F Datasheet
83Kb / 1P
   FSTN LCD, TAB IC and PCB package No controller , SED1335 recommended
BP320240A BOLYMIN-BP320240A Datasheet
180Kb / 1P
   FSTN LCD, TAB IC and PCB package LCD driver only (Recommending SED1335 controller
BP320240D BOLYMIN-BP320240D Datasheet
236Kb / 1P
   FSTN LCD, TAB IC and PCB package LCD driver only(Recommending SED1335
BP320240E-20B BOLYMIN-BP320240E-20B Datasheet
147Kb / 1P
   FSTN LCD, TAB IC and PCB package Built-in controller SED 13700,USB Interface
BP9632A BOLYMIN-BP9632A Datasheet
154Kb / 1P
   FSTN Transflective LCD, TAB IC, TCP package Built-in controller SED1530Taa
BP320240G BOLYMIN-BP320240G Datasheet
218Kb / 1P
   FSTN LCD, TAB IC and PCB package LCD driver only
BP240160C BOLYMIN-BP240160C Datasheet
325Kb / 1P
   FSTN LCD, TAB IC and PCB package LCD driver only
BP160160A BOLYMIN-BP160160A Datasheet
155Kb / 1P
   FSTN LCD, TAB IC, TCP package with frame No built-in controller (Recommending SED1375)
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com