![]() Datasheet Search System ![]() Mirror site : alldatasheet.com alldatasheet.co.kr cn.alldatasheet.com alldatasheet.jp Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
DF08M - 1A Single Phase D.I.L. Rectifier Bridge (1.0A, from 50 to 1000V) - International Rectifier |
|
Click DF08M to view datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| DF | 1A Single Phase D.I.L. Rectifier Bridge | International Rectifier |
| KBPC10005 | SINGLE PHASE SILICON BRIDGE RECTIFIER | Shanghai Sunrise Electronics |
| 2W005THRU2W10 | SINGLE PHASE GLASS BRIDGE RECTIFIER | Shanghai Lunsure Electronic Tech |
| KBPC8005 | SINGLE PHASE SILICON BRIDGE RECTIFIER | Shanghai Lunsure Electronic Tech |
| MB2505 | 25 Amp Single Phase Bridge Rectifier 50 to 1000 Volts | Micro Commercial Components |
| PB305 | 3 Amp Single Phase Bridge Rectifier 50 to 1000 Volts | Micro Commercial Components |
| 1N4436 | Single Phase Bridge Rectifier | Microsemi Corporation |
| 2KBB | 1.9A single phase rectifier bridge | International Rectifier |
| VBO65 | Single Phase Rectifier Bridge | IXYS Corporation |
| SL1560FR | SINGLE PHASE FULL WAVE BRIDGE RECTIFIER ASSEMBLY | Sensitron |
Link URL |
|
|
Related keyword |
| DF08M Datasheet | DF08M Cross Reference | DF08M Schematic | DF08M Distributor | DF08M Datenblatt | DF08M RoHS |
| DF08M Equivalent | DF08M Application Notes | DF08M Data Sheet | DF08M component | DF08M Fiche Technique | DF08M Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.net 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |