Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUM1411 Datasheet (PDF) - Analog Devices

ADUM1411 Datasheet PDF - Analog Devices
Part # ADUM1411
Download  ADUM1411 Download

File Size   525.64 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad-Channel Digital Isolators

ADUM1411 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADUM1411 Datasheet PDF - Analog Devices

Part # ADUM1411
Download  ADUM1411 Click to download

File Size   525.64 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad-Channel Digital Isolators

ADUM1411 Datasheet (HTML) - Analog Devices

Back Button ADUM1411 Datasheet HTML 1Page - Analog Devices ADUM1411 Datasheet HTML 2Page - Analog Devices ADUM1411 Datasheet HTML 3Page - Analog Devices ADUM1411 Datasheet HTML 4Page - Analog Devices ADUM1411 Datasheet HTML 5Page - Analog Devices ADUM1411 Datasheet HTML 6Page - Analog Devices ADUM1411 Datasheet HTML 7Page - Analog Devices ADUM1411 Datasheet HTML 8Page - Analog Devices ADUM1411 Datasheet HTML 9Page - Analog Devices ADUM1411 Datasheet HTML 10Page - Analog Devices Next Button 

ADUM1411 Product details

GENERAL DESCRIPTION
The ADuM141x1 are four-channel digital isolators based on Analog Devices, Inc. iCoupler® technology. Combining high speed CMOS and monolithic air core transformer technologies, these isolation components provide outstanding performance characteristics superior to alternatives such as optocoupler devices.
By avoiding the use of LEDs and photodiodes, iCoupler devices remove the design difficulties commonly associated with optocouplers. The usual concerns that arise with optocouplers, such as uncertain current transfer ratios, nonlinear transfer functions, and temperature and lifetime effects, are eliminated with the simple iCoupler digital interfaces and stable performance characteristics. The need for external drivers and other discrete components is eliminated with these iCoupler products. Furthermore, iCoupler devices consume one-tenth to one-sixth the power of optocou plers at comparable signal data rates.
The ADuM141x isolators provide four independent isolation channels in a variety of channel configurations and data rates (see the Ordering Guide) up to 10 Mbps. All models operate with the supply voltage on either side ranging from 2.7 V to 5.5 V, providing compatibility with lower voltage systems as well as enabling voltage translation functionality across the isolation barrier. All products also have a default output control pin. This allows the user to define the logic state the outputs are to adopt in the absence of the input power. Unlike other optocoupler alternatives, the ADuM141x isolators have a patented refresh feature that ensures dc correctness in the absence of input logic transitions and during power-up/power-down conditions.

FEATURES
   Low power operation
      5 V operation
         1.3 mA per channel maximum @ 0 Mbps to 2 Mbps
         4.0 mA per channel maximum @ 10 Mbps
      3 V operation
         0.8 mA per channel maximum @ 0 Mbps to 2 Mbps
         1.8 mA per channel maximum @ 10 Mbps
   Bidirectional communication
   3 V/5 V level translation
   High temperature operation: 105°C
   Up to 10 Mbps data rate (NRZ)
   Programmable default output state
   High common-mode transient immunity: >25 kV/μs
   16-lead, RoHS-compliant, SOIC wide body package
   Safety and regulatory approvals
      UL recognition: 2500 V rms for 1 minute per UL 1577
      CSA component acceptance notice #5A
      VDE certificate of conformity
         DIN V VDE V 0884-10 (VDE V 0884-10): 2006-12
         VIORM = 560 V peak
      TÜV approval: IEC/EN 60950-1
  
APPLICATIONS
   General-purpose multichannel isolation
   SPI interface/data converter isolation
   RS-232/RS-422/RS-485 transceivers
   Industrial field bus isolation




Similar Part No. - ADUM1411

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADuM1411 AD-ADuM1411 Datasheet
691Kb / 24P
   Quad-Channel Digital Isolators
Rev. H
ADUM1411 AD-ADUM1411 Datasheet
1Mb / 48P
   Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA
REV. B
ADUM1411 AD-ADUM1411 Datasheet
1Mb / 44P
   Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA Output
REV. B
ADUM1411ARWZ AD-ADUM1411ARWZ Datasheet
600Kb / 24P
   Quad-Channel Digital Isolators
Rev. G
ADUM1411ARWZ AD-ADUM1411ARWZ Datasheet
691Kb / 24P
   Quad-Channel Digital Isolators
Rev. H
More results


Similar Description - ADUM1411

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1400CRW-RL AD-ADUM1400CRW-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1401WSRWZ-RL AD-ADUM1401WSRWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1410 AD-ADUM1410_10 Datasheet
691Kb / 24P
   Quad-Channel Digital Isolators
Rev. H
ADUM2402 AD-ADUM2402_15 Datasheet
417Kb / 24P
   Quad-Channel Digital Isolators
Rev. E
ADUM1410 AD-ADUM1410_15 Datasheet
422Kb / 24P
   Quad-Channel Digital Isolators
Rev. J
ADUM1402ARWZ-RL AD-ADUM1402ARWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1400CRWZ-RL AD-ADUM1400CRWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM2401 AD-ADUM2401_15 Datasheet
417Kb / 24P
   Quad-Channel Digital Isolators
Rev. E
ADUM1410 AD-ADUM1410_07 Datasheet
600Kb / 24P
   Quad-Channel Digital Isolators
Rev. G
ADUM1400 AD-ADUM1400_15 Datasheet
578Kb / 32P
   Quad-Channel Digital Isolators
Rev. I
ADUM1401 AD-ADUM1401_15 Datasheet
578Kb / 32P
   Quad-Channel Digital Isolators
Rev. I
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com