Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB140DS24 Datasheet (PDF) - SIPAT Co,Ltd

LB140DS24 Datasheet PDF - SIPAT Co,Ltd
Part # LB140DS24
Download  LB140DS24 Download

File Size   282.23 Kbytes
Page   3 Pages
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd
Description 140MHz Low-loss SAW Filter 1.8MHz Bandwidth

LB140DS24 Datasheet (PDF)

Go To PDF Page Download Datasheet
LB140DS24 Datasheet PDF - SIPAT Co,Ltd

Part # LB140DS24
Download  LB140DS24 Click to download

File Size   282.23 Kbytes
Page   3 Pages
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd
Description 140MHz Low-loss SAW Filter 1.8MHz Bandwidth

LB140DS24 Datasheet (HTML) - SIPAT Co,Ltd

LB140DS24 Datasheet HTML 1Page - SIPAT Co,Ltd LB140DS24 Datasheet HTML 2Page - SIPAT Co,Ltd LB140DS24 Datasheet HTML 3Page - SIPAT Co,Ltd



Similar Part No. - LB140DS24

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LB140DS24 SIPAT-LB140DS24 Datasheet
288Kb / 3P
   140MHz Low-loss SAW Filter
More results


Similar Description - LB140DS24

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LB140DS23 SIPAT-LB140DS23 Datasheet
288Kb / 3P
   140MHz Low-loss SAW Filter 4.5MHz Bandwidth
LB140DS16 SIPAT-LB140DS16 Datasheet
288Kb / 3P
   140MHz Low-loss SAW Filter 22MHz Bandwidth
LB140DS25 SIPAT-LB140DS25 Datasheet
298Kb / 3P
   140MHz Low-loss SAW Filter 1.75MHz Bandwidth
LB140DS22 SIPAT-LB140DS22 Datasheet
152Kb / 3P
   140MHz Low-loss SAW Filter 0.55MHz Bandwidth
LB140DS07 SIPAT-LB140DS07 Datasheet
146Kb / 3P
   140MHz Low-loss SAW Filter 7MHz Bandwidth
logo
Oscilent Corporation
813-SL140.0M-10 OSCILENT-813-SL140.0M-10_14 Datasheet
128Kb / 4P
   Low-Loss 140MHz IF SAW Filter 9.4MHz Bandwidth
813-SL140.0M-05 OSCILENT-813-SL140.0M-05_14 Datasheet
120Kb / 4P
   Low-Loss 140MHz IF SAW Filter 4.8MHz Bandwidth
813-SL140.0M-07 OSCILENT-813-SL140.0M-07_14 Datasheet
120Kb / 4P
   Low-Loss 140MHz IF SAW Filter 7.4MHz Bandwidth
813-SL140.0M-10B OSCILENT-813-SL140.0M-10B_14 Datasheet
118Kb / 4P
   Low-Loss 140MHz IF SAW Filter 9.1MHz Bandwidth
logo
SIPAT Co,Ltd
LBS11531 SIPAT-LBS11531 Datasheet
127Kb / 3P
   115MHz SAW Filter 1.8MHz Bandwidth
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com