Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM150X06-A4C3 Datasheet (PDF) - LG Semicon Co.,Ltd.

LM150X06-A4C3 Datasheet PDF - LG Semicon Co.,Ltd.
Part # LM150X06-A4C3
Download  LM150X06-A4C3 Download

File Size   444.07 Kbytes
Page   27 Pages
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.
Description Liquid Crystal Display

LM150X06-A4C3 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM150X06-A4C3 Datasheet PDF - LG Semicon Co.,Ltd.

Part # LM150X06-A4C3
Download  LM150X06-A4C3 Click to download

File Size   444.07 Kbytes
Page   27 Pages
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.
Description Liquid Crystal Display

LM150X06-A4C3 Datasheet (HTML) - LG Semicon Co.,Ltd.

Back Button LM150X06-A4C3 Datasheet HTML 1Page - LG Semicon Co.,Ltd. LM150X06-A4C3 Datasheet HTML 2Page - LG Semicon Co.,Ltd. LM150X06-A4C3 Datasheet HTML 3Page - LG Semicon Co.,Ltd. LM150X06-A4C3 Datasheet HTML 4Page - LG Semicon Co.,Ltd. LM150X06-A4C3 Datasheet HTML 5Page - LG Semicon Co.,Ltd. LM150X06-A4C3 Datasheet HTML 6Page - LG Semicon Co.,Ltd. LM150X06-A4C3 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LM150X06-A4C3 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LM150X06-A4C3 Datasheet HTML 9Page - LG Semicon Co.,Ltd. LM150X06-A4C3 Datasheet HTML 10Page - LG Semicon Co.,Ltd. Next Button 

LM150X06-A4C3 Product details

General Description
The LM150X06-A4C3 is a Color Active Matrix Liquid Crystal Display with an integral Cold Cathode Fluorescent Lamp(CCFL) backlight system. The matrix employs a-Si Thin Film Transistor as the active element. It is a transmissive type display operating in the normally white mode. This TFT-LCD has a 15.0 inches diagonally measured active display area with XGA resolution(768 vertical by 1024 horizontal pixel array). Each pixel is divided into Red, Green and Blue sub-pixels or dots which are arranged in vertical stripes. Gray scale or the brightness of the sub-pixel color is determined with a 8-bit gray scale signal for each dot, thus, presenting a palette of more than 16M colors.

General Features
    Active screen size 15.0 inches(304.128 x 228.096) diagonal
    Outline Dimension 331.3(H) × 257.9(V) × 11.0(D) mm (Typ.)
    Pixel Pitch 0.297 mm x 0.297mm
    Pixel format 1024 Horiz. by 768 Vert. Pixels RGB stripes arrangement
    Color depth 16M colors ( 6-bit with FRC )
    Luminance, white 250 cd/m2(Typ.)
    Power Consumption 9.2 Watt(Typ.)
    Weight 1000 g (Typ.), 1050 g (Max.)
    Display operating mode Transmissive mode, normally white
    Surface treatments Hard coating(3H) Anti-glare treatment of the front polarizer




Similar Part No. - LM150X06-A4C3

ManufacturerPart #DatasheetDescription
logo
LG Semicon Co.,Ltd.
LM150X05 LG-LM150X05 Datasheet
368Kb / 27P
   COLOR ACTIVE MATRIX LIQUID CRYSTAL DISPLAY
LM150X08 LG-LM150X08 Datasheet
587Kb / 28P
   Liquid Crystal Display
More results


Similar Description - LM150X06-A4C3

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ATM0500D5 AZDISPLAYS-ATM0500D5_13 Datasheet
734Kb / 20P
   LIQUID CRYSTAL DISPLAY
ATM0700L6D AZDISPLAYS-ATM0700L6D Datasheet
918Kb / 22P
   LIQUID CRYSTAL DISPLAY
ATM0700L6E AZDISPLAYS-ATM0700L6E Datasheet
940Kb / 22P
   LIQUID CRYSTAL DISPLAY
ATM0800D3 AZDISPLAYS-ATM0800D3_13 Datasheet
1Mb / 24P
   LIQUID CRYSTAL DISPLAY
ATM0700D6A-T AZDISPLAYS-ATM0700D6A-T Datasheet
519Kb / 24P
   LIQUID CRYSTAL DISPLAY
ATM0700D6B AZDISPLAYS-ATM0700D6B Datasheet
626Kb / 23P
   LIQUID CRYSTAL DISPLAY
logo
NXP Semiconductors
LB104V03-A1 PHILIPS-LB104V03-A1 Datasheet
377Kb / 24P
   Liquid Crystal Display
Oct. 10, 2003
logo
AZ Displays
AGM3224L AZDISPLAYS-AGM3224L Datasheet
1Mb / 17P
   LIQUID CRYSTAL DISPLAY
ATM0280B15 AZDISPLAYS-ATM0280B15_13 Datasheet
306Kb / 16P
   LIQUID CRYSTAL DISPLAY
ATM0280B17-T AZDISPLAYS-ATM0280B17-T_14 Datasheet
413Kb / 16P
   LIQUID CRYSTAL DISPLAY
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com