Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX15000 Datasheet (PDF) - Maxim Integrated Products

MAX15000 Datasheet PDF - Maxim Integrated Products
Part # MAX15000
Download  MAX15000 Download

File Size   616.05 Kbytes
Page   18 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Current-Mode PWM Controllers with Programmable Switching Frequency

MAX15000 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX15000 Datasheet PDF - Maxim Integrated Products

Part # MAX15000
Download  MAX15000 Click to download

File Size   616.05 Kbytes
Page   18 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Current-Mode PWM Controllers with Programmable Switching Frequency

MAX15000 Datasheet (HTML) - Maxim Integrated Products

Back Button MAX15000 Datasheet HTML 1Page - Maxim Integrated Products MAX15000 Datasheet HTML 2Page - Maxim Integrated Products MAX15000 Datasheet HTML 3Page - Maxim Integrated Products MAX15000 Datasheet HTML 4Page - Maxim Integrated Products MAX15000 Datasheet HTML 5Page - Maxim Integrated Products MAX15000 Datasheet HTML 6Page - Maxim Integrated Products MAX15000 Datasheet HTML 7Page - Maxim Integrated Products MAX15000 Datasheet HTML 8Page - Maxim Integrated Products MAX15000 Datasheet HTML 9Page - Maxim Integrated Products MAX15000 Datasheet HTML 10Page - Maxim Integrated Products Next Button 

MAX15000 Product details

General Description
The MAX15000/MAX15001 current-mode PWM controllers contain all the control circuitry required for the design of wide-input-voltage isolated and nonisolated power supplies. The MAX15000 is well suited for universal input (rectified 85VAC to 265VAC) or telecom (-36VDC to -72VDC) power supplies. The MAX15001 is well suited for low input voltage (9.5VDC to 24VDC) power supplies.

Features
♦ Current-Mode Control
♦ Programmable Switching Frequency Up to 625kHz
♦ Accurate UVLO Threshold (1%)
♦ Open-Drain UVLO Flag Output with Internal Delay
♦ 36V to 72V Telecom Voltage Range
♦ Universal Offline Input Voltage Range Rectified 85VAC to 265VAC (MAX15000)
♦ 9.5V to 24V Input (MAX15001)
♦ Digital Soft-Start
♦ Internal Bootstrap UVLO with Large Hysteresis (MAX15000)
♦ Internal Error Amplifier with 1.5% Accurate Reference
♦ 50µA (typ) Startup Supply Current
♦ 50% Maximum Duty-Cycle Limit (MAX15000A/MAX15001A)
♦ 75% Maximum Duty-Cycle Limit (MAX15000B/MAX15001B)
♦ 60ns Cycle-by-Cycle Current-Limit Propagation Delay
♦ Available in Tiny 10-Pin µMAX Packages

Applications
    1/2, 1/4, and 1/8th Brick Power Modules
    High-Efficiency, Isolated Telecom Power Supplies
    Networking/Servers
    Isolated Keep-Alive Power Supplies
    12V Boost and SEPIC Regulators
    Isolated and Nonisolated High-Brightness LED Power Supplies
    Industrial Power Conversion




Similar Part No. - MAX15000

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15002 MAXIM-MAX15002 Datasheet
562Kb / 30P
   Dual-Output Buck Controller with Tracking/Sequencing
Rev 0; 12/07
MAX15002ATL++ MAXIM-MAX15002ATL+ Datasheet
562Kb / 30P
   Dual-Output Buck Controller with Tracking/Sequencing
Rev 0; 12/07
MAX15002 MAXIM-MAX15002_12 Datasheet
505Kb / 29P
   Dual-Output Buck Controller with Tracking/Sequencing
Rev 2; 10/12
MAX15003 MAXIM-MAX15003 Datasheet
928Kb / 32P
   Triple-Output Buck Controller with Tracking/Sequencing
Rev 0; 10/07
MAX15003 MAXIM-MAX15003 Datasheet
347Kb / 12P
   Programmable Switching Frequency Up to 2.2MHz
Rev 0; 2/08
More results


Similar Description - MAX15000

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17499 MAXIM-MAX17499 Datasheet
252Kb / 18P
   Current-Mode PWM Controllers with Programmable Switching Frequency
Rev 1; 7/11
logo
Texas Instruments
TL284X TI-TL284X Datasheet
171Kb / 12P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
UC1842 TI1-UC1842_16 Datasheet
3Mb / 56P
[Old version datasheet]   Current-Mode PWM Controllers
TL284X TI-TL284X_10 Datasheet
577Kb / 21P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL284X TI-TL284X_07 Datasheet
400Kb / 18P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL284X_101 TI-TL284X_101 Datasheet
534Kb / 21P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
logo
IMP, Inc
IMP38C4X IMP-IMP38C4X Datasheet
160Kb / 10P
   BiCMOS Current-Mode PWM Controllers
logo
Microchip Technology
MIC38C42 MICROCHIP-MIC38C42 Datasheet
1Mb / 24P
   BiCMOS Current-Mode PWM Controllers
09/14/21
logo
TelCom Semiconductor, I...
TC18C43 TELCOM-TC18C43 Datasheet
83Kb / 7P
   BiCMOS CURRENT MODE PWM CONTROLLERS
logo
Micrel Semiconductor
MIC38C42A MICREL-MIC38C42A Datasheet
127Kb / 9P
   BiCMOS Current-Mode PWM Controllers
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com