![]() Datasheet Search System ![]() Mirror site : alldatasheet.com, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
1102F - 200 V - 1,000 V Single Phase Bridge 1.4 A - 1.5 A Forward Current 70 ns - 3000 ns Recovery Time - Voltage Multipliers Inc. |
|
Click Here View 1102F Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| 1102C | 200 V - 1 000 V Single Phase Bridge 1.4 A - 1.5 A Forward Current 70 ns - 3000 ns Recovery Time | Voltage Multipliers Inc. |
| 1102D | 200 V - 1 000 V Single Phase Bridge 1.4 A - 1.5 A Forward Current 70 ns - 3000 ns Recovery Time | Voltage Multipliers Inc. |
| 1102E | 200 V - 1 000 V Single Phase Bridge 1.4 A - 1.5 A Forward Current 70 ns - 3000 ns Recovery Time | Voltage Multipliers Inc. |
| FP125F | 12 500 V - 20 000 V Rectifier Stacks 2.2 A Forward Current 150 ns Recovery Time | ETC |
| 1102B | 200 V - 1 000 V Single Phase Bridge | Voltage Multipliers Inc. |
| DSEP2X91-06A | HiPerFRED Epitaxial Diode with soft recovery | IXYS Corporation |
| HFA25TB60S | Ultrafast Soft Recovery Diode | International Rectifier |
| MUR30120PT | Ultra Fast Recovery Diodes | ETC |
| HFA320NJ40D | Ultrafast Soft Recovery Diode | International Rectifier |
| OM5328SC | HERMETIC JEDEC TO-258AA HIGH EFFICIENCY SOFT RECOVERY CENTER-TAP RECTIFIER | ETC |
Link URL |
|
|
Related keyword |
| 1102F Datasheet | 1102F Cross Reference | 1102F Schematic | 1102F Distributor | 1102F Datenblatt | 1102F RoHS |
| 1102F Equivalent | 1102F Application Notes | 1102F Data Sheet | 1102F component | 1102F Fiche Technique | 1102F Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.net 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |