Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADD8708 Datasheet (PDF) - Analog Devices

ADD8708 Datasheet PDF - Analog Devices
Part # ADD8708
Download  ADD8708 Download

File Size   611.82 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 18-Channel Gamma Buffer with Regulator

ADD8708 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADD8708 Datasheet PDF - Analog Devices

Part # ADD8708
Download  ADD8708 Click to download

File Size   611.82 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 18-Channel Gamma Buffer with Regulator

ADD8708 Datasheet (HTML) - Analog Devices

Back Button ADD8708 Datasheet HTML 1Page - Analog Devices ADD8708 Datasheet HTML 2Page - Analog Devices ADD8708 Datasheet HTML 3Page - Analog Devices ADD8708 Datasheet HTML 4Page - Analog Devices ADD8708 Datasheet HTML 5Page - Analog Devices ADD8708 Datasheet HTML 6Page - Analog Devices ADD8708 Datasheet HTML 7Page - Analog Devices ADD8708 Datasheet HTML 8Page - Analog Devices ADD8708 Datasheet HTML 9Page - Analog Devices ADD8708 Datasheet HTML 10Page - Analog Devices Next Button 

ADD8708 Product details

GENERAL DESCRIPTION
The ADD8708 is an 18-channel integrated gamma reference for use in high resolution LCD TV and monitors panels. The output buffers feature high current drive and low offset voltage to provide an accurate and stable gamma curve. The top nine channels swing to VDD; the lower nine channels swing to GND.

FEATURES
   18 precision gamma reference outputs
   Mask-programmable gamma resistors:
      0.2% resolution and 0.1% accuracy
   Mask-programmable voltage regulator: 0.4% accuracy
   Upper 9 buffers swing to VDD
   Lower 9 buffers swing to GND
   Single-supply operation: 7.5 V to 16.5 V
   Gamma current drive: 15 mA per channel
   Peak output current: 150 mA
   Output voltage stable under load conditions
   Pin-to-pin compatible with ADD8709
   48-lead, Pb-free LQFP and LFCSP

APPLICATIONS
   LCD TV panels
   LCD monitor panels




Similar Part No. - ADD8708

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADD8708 AD-ADD8708_15 Datasheet
612Kb / 16P
   18-Channel Gamma Buffer with Regulator
REV. 0
More results


Similar Description - ADD8708

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADD8709 AD-ADD8709 Datasheet
488Kb / 16P
   18-Channel Gamma Buffer with Regulator
REV. 0
ADD8708 AD-ADD8708_15 Datasheet
612Kb / 16P
   18-Channel Gamma Buffer with Regulator
REV. 0
ADD8709 AD-ADD8709_15 Datasheet
520Kb / 16P
   18-Channel Gamma Buffer with Regulator
REV. A
ADD8701 AD-ADD8701 Datasheet
289Kb / 8P
   12-Channel Gamma Buffers with VCOM Buffer
REV. 0
logo
Maxim Integrated Produc...
DS3508 MAXIM-DS3508 Datasheet
193Kb / 14P
   I2C, 8-Channel Gamma Buffer with EEPROM
Rev 1; 3/08
logo
Analog Devices
ADD8701 AD-ADD8701_15 Datasheet
295Kb / 8P
   12-Channel Gamma Buffers with VCOM Buffer
REV. 0
ADD8702 AD-ADD8702_15 Datasheet
237Kb / 8P
   12-Channel Gamma Buffers with V Buffer
REV. 0
ADD8710 AD-ADD8710_15 Datasheet
308Kb / 12P
   10-Channel Gamma Buffer with VCOM Driver
REV. B
ADD8702 AD-ADD8702 Datasheet
233Kb / 8P
   12-Channel Gamma Buffers with Vcom Buffer
REV. 0
logo
Intersil Corporation
EL5228 INTERSIL-EL5228 Datasheet
124Kb / 3P
   VCOM with Dual Gamma Buffer
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com