Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10EP142MNG Datasheet (PDF) - ON Semiconductor

MC10EP142MNG Datasheet PDF - ON Semiconductor
Part # MC10EP142MNG
Download  MC10EP142MNG Download

File Size   176.4 Kbytes
Page   13 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 3.3 V / 5 V ECL 9-Bit Shift Register

MC10EP142MNG Datasheet (PDF)

Go To PDF Page Download Datasheet
MC10EP142MNG Datasheet PDF - ON Semiconductor

Part # MC10EP142MNG
Download  MC10EP142MNG Click to download

File Size   176.4 Kbytes
Page   13 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 3.3 V / 5 V ECL 9-Bit Shift Register

MC10EP142MNG Datasheet (HTML) - ON Semiconductor

Back Button MC10EP142MNG Datasheet HTML 1Page - ON Semiconductor MC10EP142MNG Datasheet HTML 2Page - ON Semiconductor MC10EP142MNG Datasheet HTML 3Page - ON Semiconductor MC10EP142MNG Datasheet HTML 4Page - ON Semiconductor MC10EP142MNG Datasheet HTML 5Page - ON Semiconductor MC10EP142MNG Datasheet HTML 6Page - ON Semiconductor MC10EP142MNG Datasheet HTML 7Page - ON Semiconductor MC10EP142MNG Datasheet HTML 8Page - ON Semiconductor MC10EP142MNG Datasheet HTML 9Page - ON Semiconductor MC10EP142MNG Datasheet HTML 10Page - ON Semiconductor Next Button 

MC10EP142MNG Product details

3.3 V / 5 V ECL 9−Bit Shift Register

The MC10EP/100EP142 is a 9−bit shift register, designed with byte-parity applications in mind. The MC10/100EP142 is capable of performing serial/parallel data into serial/parallel out and shifting in only one direction. The nine inputs D0 − D8 accept parallel input data, while S−IN accepts serial input data. The QT0:87 outputs do not need to be terminated for the shift operation to function. To minimize power, any Q output not used should be left unterminated.

Features
• Shift Frequency >2.8 GHz (Typical)
• 9-Bit for Byte−Parity Applications
• Asynchronous Master Reset
• Dual Clocks
• PECL Mode Operating Range: VCC = 3.0 V to 5.5 V with VEE = 0 V
• NECL Mode Operating Range: VCC = 0 V with VEE = −3.0 V to −5.5 V
• Open Input Default State
• Safety Clamp on Inputs
• Pb−Free Packages are Available




Similar Part No. - MC10EP142MNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP142MNG ONSEMI-MC10EP142MNG Datasheet
133Kb / 14P
   ECL 9-Bit Shift Register
April, 2015 ??Rev. 18
More results


Similar Description - MC10EP142MNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EP142 ONSEMI-MC100EP142 Datasheet
219Kb / 11P
   3.3 V/5 V ECL 9-Bit Shift Register
April, 2021 ??Rev. 19
MC10EP142 ONSEMI-MC10EP142_15 Datasheet
133Kb / 14P
   ECL 9-Bit Shift Register
April, 2015 ??Rev. 18
MC10E142 ONSEMI-MC10E142_06 Datasheet
150Kb / 8P
   5V ECL 9-Bit Shift Register
February, 2006 ??Rev. 7
logo
Arizona Microtek, Inc
AZ10E142 AZM-AZ10E142 Datasheet
74Kb / 5P
   ECL/PECL 9-bit Shift Register
logo
ON Semiconductor
MC10E143 ONSEMI-MC10E143_16 Datasheet
157Kb / 7P
   5V ECL 9?륛it Hold Register
July, 2016 ??Rev. 8
logo
Micrel Semiconductor
SY10E142 MICREL-SY10E142_06 Datasheet
63Kb / 4P
   9-BIT SHIFT REGISTER
logo
ON Semiconductor
MC10E142 ONSEMI-MC10E142 Datasheet
109Kb / 4P
   9-BIT SHIFT REGISTER
1996 REV 2
logo
Micrel Semiconductor
SY10E142 MICREL-SY10E142 Datasheet
71Kb / 4P
   9-BIT SHIFT REGISTER
logo
ON Semiconductor
MC10E452 ONSEMI-MC10E452_16 Datasheet
166Kb / 8P
   5V ECL 5?륛it Differential Register
July, 2016 ??Rev. 12
MC10E141 ONSEMI-MC10E141_06 Datasheet
130Kb / 8P
   5V ECL 8-Bit Shift Register
November, 2006 ??Rev. 7
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com