Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADXL204 Datasheet (PDF) - Analog Devices

ADXL204 Datasheet PDF - Analog Devices
Part # ADXL204
Download  ADXL204 Download

File Size   569.59 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precisionc -1.7 g Single-/Dual-Axis i MEMS Accelerometer

ADXL204 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADXL204 Datasheet PDF - Analog Devices

Part # ADXL204
Download  ADXL204 Click to download

File Size   569.59 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precisionc -1.7 g Single-/Dual-Axis i MEMS Accelerometer

ADXL204 Datasheet (HTML) - Analog Devices

Back Button ADXL204 Datasheet HTML 1Page - Analog Devices ADXL204 Datasheet HTML 2Page - Analog Devices ADXL204 Datasheet HTML 3Page - Analog Devices ADXL204 Datasheet HTML 4Page - Analog Devices ADXL204 Datasheet HTML 5Page - Analog Devices ADXL204 Datasheet HTML 6Page - Analog Devices ADXL204 Datasheet HTML 7Page - Analog Devices ADXL204 Datasheet HTML 8Page - Analog Devices ADXL204 Datasheet HTML 9Page - Analog Devices ADXL204 Datasheet HTML 10Page - Analog Devices Next Button 

ADXL204 Product details

GENERAL DESCRIPTION

The ADXL204 is a high precision, low power, complete dual axis accelerometer with signal-conditioned voltage outputs, all on a single monolithic IC. Like the ADXL203, it measures acceleration with a full-scale range of ±1.7 g; however, the ADXL204 is tested and specified for 3.3 V supply voltage, whereas the ADXL203 is tested and specified at 5 V. Both parts function well over a wide 3 V to 6 V operating voltage range. The ADXL204 can measure both dynamic acceleration (for example, vibration) and static acceleration (for example, gravity).



FEATURES

  High performance, dual-axis accelerometer on a single IC chip

  Specified at VS = 3.3 V

  5 mm × 5 mm × 2 mm LCC package

  Better than 2 mg resolution at 60 Hz

  Low power: 500 μA at VS = 3.3 V (typical)

  High zero g bias stability

  High sensitivity accuracy

  –40°C to +125°C temperature range

  X-axis and Y-axis aligned to within 0.1° (typical)

  BW adjustment with a single capacitor

  Single-supply operation

  3500 g shock survival

  RoHS compliant

  Compatible with Sn/Pb- and Pb-free solder processes



 

APPLICATIONS

  Vehicle dynamic control (VDC)/electronic stability program (ESP) systems

  Electronic chassis controls

  Electronic braking

  Platform stabilization/leveling

  Navigation

  Alarms and motion detectors

  High accuracy, 2-axis tilt sensing



 




Similar Part No. - ADXL204

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL202 AD-ADXL202 Datasheet
124Kb / 11P
   Low Cost -2 g/-10 g Dual Axis iMEMS Accelerometers with Digital Output
REV. B
ADXL202AE AD-ADXL202AE Datasheet
154Kb / 12P
   Low-Cost -2 g Dual-Axis Accelerometer with Duty Cycle Output
REV. A
ADXL202AQC AD-ADXL202AQC Datasheet
124Kb / 11P
   Low Cost -2 g/-10 g Dual Axis iMEMS Accelerometers with Digital Output
REV. B
ADXL202E AD-ADXL202E Datasheet
154Kb / 12P
   Low-Cost -2 g Dual-Axis Accelerometer with Duty Cycle Output
REV. A
ADXL202E AD-ADXL202E Datasheet
147Kb / 12P
   Low-Cost 2 g Dual-Axis Accelerometer with Duty Cycle Output
More results


Similar Description - ADXL204

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL103 AD-ADXL103_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
Rev. E
ADXL203 AD-ADXL203_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
ADXL323 AD-ADXL323 Datasheet
293Kb / 16P
   Small, Low Power, 2-Axis 짹3 g i MEMS Accelerometer
REV. 0
ADXL330 AD-ADXL330 Datasheet
311Kb / 16P
   Small, Low Power, 3-Axis 짹3 g i MEMS Accelerometer
REV. 0
ADXL103 AD-ADXL103 Datasheet
438Kb / 12P
   Precision 짹1.7 g Single/Dual Axis Accelerometer
REV. 0
ADXL373 AD-ADXL373 Datasheet
1Mb / 52P
   Micropower, 3-Axis, 짹400 g, Digital Output, MEMS Accelerometer
ADXL278 AD-ADXL278 Datasheet
196Kb / 12P
   Dual-Axis, High-g, MEMS Accelerometers
REV. A
AD22293Z AD-AD22293Z Datasheet
618Kb / 16P
   Precision 짹1.7 g, 짹5 g, 짹18 g Single-/ Dual-Axis iMEMS짰 Accelerometer
REV. D
ADXL367 AD-ADXL367 Datasheet
2Mb / 64P
   Micropower, 3-Axis, 짹2 g/짹4 g/짹8 g Digital Output MEMS Accelerometer
Rev. 0
ADXL213 AD-ADXL213_15 Datasheet
196Kb / 12P
   Low Cost 1.2 g Dual Axis Accelerometer
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com