Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIN200 Datasheet (PDF) - Harris Corporation

HIN200 Datasheet PDF - Harris Corporation
Part # HIN200
Download  HIN200 Download

File Size   158.45 Kbytes
Page   14 Pages
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation
Description 5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors

HIN200 Datasheet (PDF)

Go To PDF Page Download Datasheet
HIN200 Datasheet PDF - Harris Corporation

Part # HIN200
Download  HIN200 Click to download

File Size   158.45 Kbytes
Page   14 Pages
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation
Description 5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors

HIN200 Datasheet (HTML) - Harris Corporation

Back Button HIN200 Datasheet HTML 1Page - Harris Corporation HIN200 Datasheet HTML 2Page - Harris Corporation HIN200 Datasheet HTML 3Page - Harris Corporation HIN200 Datasheet HTML 4Page - Harris Corporation HIN200 Datasheet HTML 5Page - Harris Corporation HIN200 Datasheet HTML 6Page - Harris Corporation HIN200 Datasheet HTML 7Page - Harris Corporation HIN200 Datasheet HTML 8Page - Harris Corporation HIN200 Datasheet HTML 9Page - Harris Corporation HIN200 Datasheet HTML 10Page - Harris Corporation Next Button 

HIN200 Product details

Description

The HIN200-HIN213 family of RS-232 transmitters/receivers interface circuits meet all ElA RS-232E and V.28 specifications, and are particularly suited for those applications where ±12V is not available. They require a single +5V power supply (except HIN201 and HIN209) and feature onboard charge pump voltage converters which generate +10V and -10V supplies from the 5V supply. The HIN203 and HIN205 require no external capacitors and are ideally suited for applications where circuit board space is critical. The family of devices offers a wide variety of RS-232 transmitter/receiver combinations to accommo date various applications



Features

• Meets All RS-232E and V.28 Specifications

• HIN203 and HIN205 Require No External Capacitors

• Requires Only 0.1µF or Greater External Capacitors

• 120kbit/s Data Rate

• Two Receivers Active in Shutdown Mode (HIN213)

• Requires Only Single +5V Power Supply

- (+5V and +12V - HIN201 and HIN209)

• Onboard Voltage Doubler/Inverter

• Low Power Consumption (Typ) . . . . . . . . . . . . . . . 5mA

• Low Power Shutdown Function (Typ) . . . . . . . . . . .1µA

• Three-State TTL/CMOS Receiver Outputs

• Multiple Drivers

- ±10V Output Swing for +5V lnput

- 300Ω Power-Off Source Impedance

- Output Current Limiting

- TTL/CMOS Compatible

- 30V/µs Maximum Slew Rate

• Multiple Receivers

- ±30V Input Voltage Range

- 3kΩ to 7kΩ Input Impedance

- 0.5V Hysteresis to Improve Noise Rejection



Applications

• Any System Requiring RS-232 Communications Port

- Computer - Portable, Mainframe, Laptop

- Peripheral - Printers and Terminals

- Instrumentation

- Modems




Similar Part No. - HIN200

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIN201 INTERSIL-HIN201 Datasheet
203Kb / 13P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
HIN201CB INTERSIL-HIN201CB Datasheet
203Kb / 13P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
HIN201IB INTERSIL-HIN201IB Datasheet
203Kb / 13P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
HIN202 INTERSIL-HIN202 Datasheet
203Kb / 13P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
HIN202 INTERSIL-HIN202 Datasheet
586Kb / 18P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
More results


Similar Description - HIN200

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIN202 INTERSIL-HIN202 Datasheet
586Kb / 18P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
logo
Renesas Technology Corp
HIN202 RENESAS-HIN202 Datasheet
959Kb / 20P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
logo
Intersil Corporation
HIN201 INTERSIL-HIN201 Datasheet
203Kb / 13P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
HIN202 INTERSIL-HIN202_05 Datasheet
491Kb / 19P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
HIN202CPZ INTERSIL-HIN202CPZ Datasheet
484Kb / 19P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
HIN232 INTERSIL-HIN232_05 Datasheet
624Kb / 20P
   5V Powered RS-232 Transmitters/Receivers
HIN232 INTERSIL-HIN232 Datasheet
600Kb / 21P
   5V Powered RS-232 Transmitters/Receivers
HIN230 INTERSIL-HIN230 Datasheet
379Kb / 15P
   5V Powered RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
HIN232 RENESAS-HIN232 Datasheet
1Mb / 22P
   5V Powered RS-232 Transmitters/Receivers
logo
Intersil Corporation
HIN202A INTERSIL-HIN202A Datasheet
247Kb / 17P
   High Speed 5V Powered RS-232 Transmitters/Receivers
More results




About Harris Corporation


Harris Corporation was a Florida-based technology company that specialized in communications and information technology. The company was founded in 1895 and went through several iterations over the years, including mergers and acquisitions.

In 2019, Harris Corporation merged with L3 Technologies to form L3Harris Technologies, which is now one of the largest defense companies in the world. The company provides a wide range of products and services in the areas of aerospace, defense, communications, and intelligence.

Some of Harris Corporation's previous areas of focus included tactical radios, satellite communications systems, air traffic control systems, and cybersecurity solutions. The company's customers included the U.S. military, government agencies, and commercial organizations around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com