![]() Datasheet Search System ![]() Mirror site : alldatasheet.com, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
2SA1635 - Power Transistor (-80V, -4A) - Rohm |
|
Click Here View 2SA1635 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| 2SB1672 | Power Transistor -80V -7A | Rohm |
| BLC6G20-75 | UHF power LDMOS transistor | NXP Semiconductors |
| MTA1N60E | FULLY ISOLATED TMOS E-FET POWER FIELD EFFECT TRANSISTOR | Motorola, Inc |
| BLF369 | VHF power LDMOS transistor | NXP Semiconductors |
| 2SK700 | N-CHANNEL MOS FIELD EFFECT POWER TRANSISTOR | NEC |
| BLC6G22-100 | UHF power LDMOS transistor | NXP Semiconductors |
| ZX5T953Z | 100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89 | Zetex Semiconductors |
| IRF630FI | N-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR | STMicroelectronics |
| BLF4G10LS-120 | UHF power LDMOS transistor | NXP Semiconductors |
| B772SS | MEDIUM POWER LOW VOLTAGE TRANSISTOR | Unisonic Technologies |
Link URL |
|
|
Related keyword |
| 2SA1635 Datasheet | 2SA1635 Cross Reference | 2SA1635 Schematic | 2SA1635 Distributor | 2SA1635 Datenblatt | 2SA1635 RoHS |
| 2SA1635 Equivalent | 2SA1635 Application Notes | 2SA1635 Data Sheet | 2SA1635 component | 2SA1635 Fiche Technique | 2SA1635 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.net 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |