Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE72118 Datasheet (PDF) - NEC

NE72118 Datasheet PDF - NEC
Part # NE72118
Download  NE72118 Download

File Size   46.7 Kbytes
Page   4 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description C TO X BAND AMPLIFIER C TO X BAND OSC N-CHANNEL GaAs MESFET

NE72118 Datasheet (PDF)

Go To PDF Page Download Datasheet
NE72118 Datasheet PDF - NEC

Part # NE72118
Download  NE72118 Click to download

File Size   46.7 Kbytes
Page   4 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description C TO X BAND AMPLIFIER C TO X BAND OSC N-CHANNEL GaAs MESFET

NE72118 Datasheet (HTML) - NEC

NE72118 Datasheet HTML 1Page - NEC NE72118 Datasheet HTML 2Page - NEC NE72118 Datasheet HTML 3Page - NEC NE72118 Datasheet HTML 4Page - NEC

NE72118 Product details

DESCRIPTION
The NE72118 is a high performance gallium arsenide metal semiconductor field effect transistor (MESFET), housed in a low cost plastic surface mount package (SOT 23 style). This devices low phase noise and high fT make it an excellent choice for oscillator applications on a digital LNB (Low Noise Block).
NECs stringent quality assurance and test procedures ensure the highest reliability performance.

FEATURES
• HIGH POWER GAIN: Gs = 5.5 dB TYP at f = 12 GHz
• GATE LENGTH: Lg = 0.8 µm (recessed gate)
• GATE WIDTH: Wg = 330 µm
• 4 PINS SUPER MINI MOLD
• TAPE & REEL PACKAGING




Similar Part No. - NE72118

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NE72118 RENESAS-NE72118 Datasheet
201Kb / 18P
   GaAs MES FET
1997
NE72118-T1 RENESAS-NE72118-T1 Datasheet
201Kb / 18P
   GaAs MES FET
1997
NE72118-T2 RENESAS-NE72118-T2 Datasheet
201Kb / 18P
   GaAs MES FET
1997
More results


Similar Description - NE72118

ManufacturerPart #DatasheetDescription
logo
NEC
NE72218 NEC-NE72218 Datasheet
60Kb / 8P
   C to X BAND AMPLIFIER C to X BAND OSC N-CHANNEL GaAs MES FET
logo
California Eastern Labs
NE72218 CEL-NE72218 Datasheet
37Kb / 5P
   C TO X BAND N-CHANNEL GaAs MESFET
NE722S01 CEL-NE722S01 Datasheet
130Kb / 6P
   NECs C TO X BAND N-CHANNEL GaAs MES FET
logo
NEC
NE722S01 NEC-NE722S01 Datasheet
128Kb / 6P
   NECs C TO X BAND N-CHANNEL GaAs MES FET
NEZ4450-15BD NEC-NEZ4450-15BD Datasheet
240Kb / 6P
   C-BAND POWER GAAS MESFET
NE76184AS NEC-NE76184AS Datasheet
52Kb / 4P
   GENERAL PURPOSE L TO X-BAND GaAs MESFET
NE721S01 NEC-NE721S01 Datasheet
32Kb / 5P
   GENERAL PURPOSE L TO X-BAND GaAs MESFET
logo
California Eastern Labs
NE850R59 CEL-NE850R59 Datasheet
22Kb / 2P
   C-BAND MEDIUM POWER GaAs MESFET
NE8500100 CEL-NE8500100 Datasheet
64Kb / 4P
   C-BAND MEDIUM POWER GaAs MESFET
logo
Infineon Technologies A...
CLY32 INFINEON-CLY32 Datasheet
574Kb / 9P
   HiRel C-Band GaAs Power-MESFET
September 99
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com