Datasheet Search System

Mirror site :  alldatasheet.com,   alldatasheet.co.kr
Semiconductors, integrated circuits, diodes, triacs, and other semiconductors informations
Part Name    
    Description 
Shortcut : 2SC6040(1)  2SC6041(1)  2SC6042(1)  2SC6043(1)  2SC6044(1)  

2SC6040 - High-Speed and High-Voltage Switching Applications Switching Regulator Applications DC-DC Converter Applications - Toshiba Semiconductor

Click Here View 2SC6040 Datasheet

Part No.

2SC6040

Description

High-Speed and High-Voltage Switching Applications Switching Regulator Applications DC-DC Converter Applications

Download

2SC6040 Click here to View

File Size

189.07 Kbytes / 5 Pages

Maker

TOSHIBA [Toshiba Semiconductor]

Homepage

http://www.semicon.toshiba.co.jp/eng/


Related Electronics Part Number
Part NumberComponents DescriptionManufacturer
2SK2173Silicon N Channel MOS Type Chopper Regulator DC−DC Converter and Motor Drive Applications Toshiba Semiconductor
CS20011.2 A Switching Regulator and 5.0 V 100 mA Linear Regulator with RESET ON Semiconductor
2SK3453Switching Regulator Applications Toshiba Semiconductor
2SK3473Switching Regulator Applications Toshiba Semiconductor
LTC1705Dual 550kHz Synchronous Switching Regulator Controller with 5-Bit VID and 150mA LDO Linear Technology
2SC2335NPN SILICON TRIPLE DIFFUSED TRANSISTOR FOR HIGH-SPEED HIGH-VOLTAGE SWITCHING NEC
RN2970FESwitching Inverter Circuit Interface Circuit and Driver Circuit Applications Toshiba Semiconductor
ISL6322Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10 VR11 and AMD Applications Intersil Corporation
2SC5979NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications Sanyo Semicon Device
2SD2402NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING NEC

Link URL :
Related keyword
  2SC6040 Datasheet   2SC6040 Cross Reference   2SC6040 Schematic   2SC6040 Distributor   2SC6040 Datenblatt   2SC6040 RoHS
  2SC6040 Equivalent   2SC6040 Application Notes   2SC6040 Data Sheet   2SC6040 components   2SC6040 Fiche Technique   2SC6040 Circuit


All Rights Reserved© Alldatasheet.net 2003 - 2008   Contact us  Privacy Policy  Bookmark   Link Exchange  Site link  Manufacturer