Datasheet Search System
Mirror site :
alldatasheet.com,
alldatasheet.co.kr
Semiconductors, integrated circuits, diodes, triacs, and other semiconductors informations
Part Name
Included
start with
end
match
Description
Shortcut :
54F00
(11)
54F02
(31)
54F04
(4)
54F08
(4)
54F02 - Quad 2-Input NOR Gate - National Semiconductor
Click Here View
54F02
Datasheet
Part No.
54F02
Description
Quad 2-Input NOR Gate
Download
54F02
Click here
to View
File Size
98.84 Kbytes / 8 Pages
Maker
NSC [National Semiconductor]
Homepage
http://www.national.com
Related Electronics Part Number
Part Number
Components Description
Manufacturer
MC74VQ02
LOW-VOLTAGE
QUIET
CMOS
QUAD
2-INPUT
NOR
GATE
Motorola, Inc
MC54HC02A
QUAD
2-INPUT
NOR
GATE
HIGH-PERFORMANCE
SILICON-GATE
CMOS
Motorola, Inc
74AC02
Quad
2-Input
NOR
Gate
Fairchild Semiconductor
74LCX38
Low
Voltage
Quad
2-Input
NAND
Gate
Open
Drain
with
5V
Tolerant
Inputs
Fairchild Semiconductor
TC74HC08AP
QUAD
2-INPUT
AND
GATE
Toshiba Semiconductor
74ALVC132
Low
Voltage
Quad
2-Input
NAND
Gate
with
Schmitt
Trigger
Inputs
and
3.6V
Tolerant
Inputs
and
Outputs
Fairchild Semiconductor
MM74C00_02
Quad
2-Input
NAND
Gate.
Quad
2-Input
NOR
Gate.
Hex
Inverter
Fairchild Semiconductor
IN74AC132
Quad
2-Input
NAND
Gate
with
Schmitt-Trigger
Inputs
High-Performance
Silicon-Gate
CMOS
Integral Corp.
74VHC32
Quad
2-Input
OR
Gate
Fairchild Semiconductor
MC54F32
QUAD
2-INPUT
OR
GATE
Motorola, Inc
Link URL :
Related keyword
54F02 Datasheet
54F02 Cross Reference
54F02 Schematic
54F02 Distributor
54F02 Datenblatt
54F02 RoHS
54F02 Equivalent
54F02 Application Notes
54F02 Data Sheet
54F02 components
54F02 Fiche Technique
54F02 Circuit
All Rights Reserved©
Alldatasheet.net
2003 - 2008
Contact us
Privacy Policy
Bookmark
Link Exchange
Site link
Manufacturer