![]() Datasheet Search System ![]() Mirror site : alldatasheet.com alldatasheet.co.kr cn.alldatasheet.com alldatasheet.jp Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
1N5350B - 5 Watt Surmetic TM 40 Zener Voltage Regulators - ON Semiconductor |
|
Click 1N5350B to view datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| 3EZ4.3D5 | 3 Watt DO−41 Surmetic 30 Zener Voltage Regulators | ON Semiconductor |
| P6SMB11CAT3 | 600 Watt Peak Power Zener Transient Voltage Suppressors | ON Semiconductor |
| SMBJ12AON | 600 Watt Peak Power Zener Transient Voltage Suppressor | ON Semiconductor |
| MC79L00 | 100 mA Negative Voltage Regulators | ON Semiconductor |
| L7900_07 | Negative voltage regulators | STMicroelectronics |
| LD1117 | LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS | STMicroelectronics |
| SFC2723A | Precision Voltage Regulators | STMicroelectronics |
| LM2931 | 0.1A LOW DROPOUT VOLTAGE REGULATORS | HTC Korea TAEJIN Technology Co. |
| TPS7201Q_07 | MICROPOWER LOW-DROPOUT LDO VOLTAGE REGULATORS | Texas Instruments |
| P6KE200B | 600 Watt Peak Power Transient Voltage Suppressors | ON Semiconductor |
Link URL |
|
|
Related keyword |
| 1N5350B Datasheet | 1N5350B Cross Reference | 1N5350B Schematic | 1N5350B Distributor | 1N5350B Datenblatt | 1N5350B RoHS |
| 1N5350B Equivalent | 1N5350B Application Notes | 1N5350B Data Sheet | 1N5350B component | 1N5350B Fiche Technique | 1N5350B Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.net 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |