![]() Datasheet Search System ![]() Mirror site : alldatasheet.com, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
74F379_00 - Quad Parallel Register with Enable - Fairchild Semiconductor |
|
Click Here View 74F379_00 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| MC74F299 | 8-INPUT UNIVERSAL SHIFT/STORAGE REGISTER WITH COMMON PARALLEL I/O PINS | Motorola, Inc |
| MC74HC299 | 8-Bit Bidirectional Universal Shift Register with Parallel I/O | Motorola, Inc |
| HCF4026B | DECADE COUNTER/DIVIDER WITH DECODED 7-SEGMENT DISPLAY OUTPUT AND DISPLAY ENABLE | STMicroelectronics |
| CD54HC195_06 | High-Speed CMOS Logic 4-Bit Parallel Access Register | Texas Instruments |
| 8624 | T1/CEPT Quad Port SMT Transformer Module with IC Side Protection | Filtran LTD |
| NCS2540 | Triple 750 MHz Voltage Feedback Op Amp with Enable Feature | ON Semiconductor |
| SN54HC377 | OCTAL D-TYPE FLIP-FLOPS WITH CLOCK ENABLE | Texas Instruments |
| ADS8472 | 16-BIT 1-MSPS PSEUDO-BIPOLAR FULLY DIFFERENTIAL INPUT MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE REFERENCE | Burr-Brown Corporation |
| AD5624R | Quad 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference | Analog Devices |
| MPC17550 | Quad H-Bridge Micromotor Driver with DC/DC Boost Converter | Motorola, Inc |
Link URL |
|
|
Related keyword |
| 74F379_00 Datasheet | 74F379_00 Cross Reference | 74F379_00 Schematic | 74F379_00 Distributor | 74F379_00 Datenblatt | 74F379_00 RoHS |
| 74F379_00 Equivalent | 74F379_00 Application Notes | 74F379_00 Data Sheet | 74F379_00 component | 74F379_00 Fiche Technique | 74F379_00 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.net 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |