Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJ15012 Datasheet (PDF) - ON Semiconductor

MJ15012 Datasheet PDF - ON Semiconductor
Part # MJ15012
Download  MJ15012 Download

File Size   61.77 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Complementary Silicon Power Transistors

MJ15012 Datasheet (PDF)

Go To PDF Page Download Datasheet
MJ15012 Datasheet PDF - ON Semiconductor

Part # MJ15012
Download  MJ15012 Click to download

File Size   61.77 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Complementary Silicon Power Transistors

MJ15012 Datasheet (HTML) - ON Semiconductor

MJ15012 Datasheet HTML 1Page - ON Semiconductor MJ15012 Datasheet HTML 2Page - ON Semiconductor MJ15012 Datasheet HTML 3Page - ON Semiconductor MJ15012 Datasheet HTML 4Page - ON Semiconductor

MJ15012 Product details

MJ15011(NPN,

MJ15012(PNP)



10 AMPERE COMPLEMENTARY POWER TRANSISTORS 250 VOLTS 200 WATTS



The MJ15011 and MJ15012 are PowerBase power transistors designed for high−power audio, disk head positioners, and other linear applications. These devices can also be used in power switching circuits such as relay or solenoid drivers, dc−to−dc converters or inverters.

• High Safe Operating Area (100% Tested) 1.2 A @ 100 V

• Completely Characterized for Linear Operation

• High DC Current Gain and Low Saturation Voltage hFE = 20 (Min) @ 2 A, 2 V

VCE(sat) = 2.5 V (Max) @ IC = 4 A, IB = 0.4 A

• For Low Distortion Complementary Designs

• Pb−Free Packages are Available*




Similar Part No. - MJ15012

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ15012 MOTOROLA-MJ15012 Datasheet
129Kb / 4P
   10 AMPERE COMPLEMENTARY POWER TRANSISTORS 250 VOLTS 200 WATTS
logo
Inchange Semiconductor ...
MJ15012 ISC-MJ15012 Datasheet
78Kb / 2P
   Silicon PNP Power Transistor
logo
New Jersey Semi-Conduct...
MJ15012 NJSEMI-MJ15012 Datasheet
111Kb / 3P
   Complementary Silicon Power Transistors
More results


Similar Description - MJ15012

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
D44E MOTOROLA-D44E Datasheet
84Kb / 2P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
STMicroelectronics
MJE172 STMICROELECTRONICS-MJE172_03 Datasheet
52Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
D44H ONSEMI-D44H_06 Datasheet
68Kb / 5P
   Complementary Silicon Power Transistors
February, 2006 ??Rev. 9
logo
STMicroelectronics
TIP31A STMICROELECTRONICS-TIP31A Datasheet
64Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP33B ONSEMI-TIP33B Datasheet
102Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1996 REV 1
MJE4343 ONSEMI-MJE4343 Datasheet
142Kb / 6P
   POWER TRANSISTORS COMPLEMENTARY SILICON
1998
MJF15030 ONSEMI-MJF15030 Datasheet
246Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1995
logo
STMicroelectronics
BD235 STMICROELECTRONICS-BD235 Datasheet
75Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
BD241A STMICROELECTRONICS-BD241A Datasheet
66Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
June 1997
BD243B STMICROELECTRONICS-BD243B Datasheet
34Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
September 1999
logo
Motorola, Inc
TIP35A MOTOROLA-TIP35A Datasheet
157Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com