Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10H103FNG Datasheet (PDF) - ON Semiconductor

MC10H103FNG Datasheet PDF - ON Semiconductor
Part # MC10H103FNG
Download  MC10H103FNG Download

File Size   150.63 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Quad 2?묲nput OR Gate

MC10H103FNG Datasheet (PDF)

Go To PDF Page Download Datasheet
MC10H103FNG Datasheet PDF - ON Semiconductor

Part # MC10H103FNG
Download  MC10H103FNG Click to download

File Size   150.63 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Quad 2?묲nput OR Gate

MC10H103FNG Datasheet (HTML) - ON Semiconductor

MC10H103FNG Datasheet HTML 1Page - ON Semiconductor MC10H103FNG Datasheet HTML 2Page - ON Semiconductor MC10H103FNG Datasheet HTML 3Page - ON Semiconductor MC10H103FNG Datasheet HTML 4Page - ON Semiconductor MC10H103FNG Datasheet HTML 5Page - ON Semiconductor MC10H103FNG Datasheet HTML 6Page - ON Semiconductor

MC10H103FNG Product details

Description
The MC10H103 is a quad 2−input OR gate. The MC10H103 provides one gate with OR/NOR outputs. This MECL 10H™ part is a functional/pinout duplication of the standard MECL 10K™ family part, with 100% improvement in propagation delay, and no increases in power− supply current.

Features
• Propagation Delay, 1.0 ns Typical
• Power Dissipation 25 mW/Gate (same as MECL 10K)
• Improved Noise Margin 150 mV (Over Operating Voltage and Temperature Range)
• Voltage Compensated
• MECL 10K Compatible
• Pb−Free Packages are Available*




Similar Part No. - MC10H103FNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H100 ONSEMI-MC10H100 Datasheet
110Kb / 4P
   Quad 2 - input NOR GATE With strobe
March, 2000 ??Rev. 6
MC10H100 ONSEMI-MC10H100 Datasheet
144Kb / 5P
   Quad 2?묲nput NOR Gate With Strobe
February, 2006 ??Rev. 7
logo
Motorola, Inc
MC10H100FN MOTOROLA-MC10H100FN Datasheet
708Kb / 12P
   Bi-Quinary Counter
MC10H100FN MOTOROLA-MC10H100FN Datasheet
502Kb / 7P
   TRIPLE 2-INPUT EXCLUSIVE-OR GATE
logo
ON Semiconductor
MC10H100FN ONSEMI-MC10H100FN Datasheet
110Kb / 4P
   Quad 2 - input NOR GATE With strobe
March, 2000 ??Rev. 6
More results


Similar Description - MC10H103FNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SV32XV5T2 ONSEMI-NL17SV32XV5T2_05 Datasheet
122Kb / 5P
   Single Gate 2?묲nput OR Gate
September, 2005 ??Rev. 2
NL27WZ32 ONSEMI-NL27WZ32_06 Datasheet
63Kb / 5P
   Dual 2?묲nput OR Gate
April, 2006 ??Rev. 6
NL17SZ32 ONSEMI-NL17SZ32_06 Datasheet
115Kb / 6P
   Single 2?묲nput OR Gate
March, 2006 ??Rev. 6
MC74VHC02 ONSEMI-MC74VHC02 Datasheet
82Kb / 5P
   Quad 2?묲nput NOR Gate
November, 2005 ??Rev. 4
NLSF302MN ONSEMI-NLSF302MN Datasheet
64Kb / 4P
   Quad 2?묲nput NOR Gate
May, 2006 ??Rev. 4
MC10H104 ONSEMI-MC10H104_06 Datasheet
150Kb / 6P
   Quad 2?묲nput AND Gate
February, 2006 ??Rev. 8
MC74VHCT02A ONSEMI-MC74VHCT02A_06 Datasheet
156Kb / 8P
   Quad 2?묲nput NOR Gate
March, 2006 ??Rev. 4
MC74VHCT08A ONSEMI-MC74VHCT08A_06 Datasheet
95Kb / 6P
   Quad 2?묲nput AND Gate
March, 2006 ??Rev. 5
MC74VHC00 ONSEMI-MC74VHC00 Datasheet
92Kb / 6P
   Quad 2?묲nput NAND Gate
January, 2006 ??Rev. 5
MC74VHC08 ONSEMI-MC74VHC08 Datasheet
92Kb / 6P
   Quad 2?묲nput AND Gate
November, 2005 ??Rev. 6
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com