Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UA1029 Datasheet (PDF) - Unisonic Technologies

UA1029 Datasheet PDF - Unisonic Technologies
Part # UA1029
Download  UA1029 Download

File Size   131.26 Kbytes
Page   7 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description LOW FREQUENCY POWER AMPLIFIER

UA1029 Datasheet (PDF)

Go To PDF Page Download Datasheet
UA1029 Datasheet PDF - Unisonic Technologies

Part # UA1029
Download  UA1029 Click to download

File Size   131.26 Kbytes
Page   7 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description LOW FREQUENCY POWER AMPLIFIER

UA1029 Datasheet (HTML) - Unisonic Technologies

UA1029 Datasheet HTML 1Page - Unisonic Technologies UA1029 Datasheet HTML 2Page - Unisonic Technologies UA1029 Datasheet HTML 3Page - Unisonic Technologies UA1029 Datasheet HTML 4Page - Unisonic Technologies UA1029 Datasheet HTML 5Page - Unisonic Technologies UA1029 Datasheet HTML 6Page - Unisonic Technologies UA1029 Datasheet HTML 7Page - Unisonic Technologies

UA1029 Product details

DESCRIPTION

The UTC UA1029 is a low frequency power amplier and developed for portable radio cassette tape recorder with power ON/OFF switch.

The audio power IC has built-in two channels and thermal shut down protection circuit.



FEATURES

* High Power

   : POUT (1) = 2.5W (Typ.)

     (VCC = 9V, RL = 4Ω, f = 1kHz, THD = 10%)

   : POUT(2) = 4.6W (Typ.)

     (VCC = 12V, RL = 4Ω, f = 1kHz, THD = 10%)

* Low Popping Noise at Power ON

* Small Quiescent Current

   : IQ = 21mA (Typ.) (VCC = 15V, VIN = 0)

* Soft Clip

* Thermal Shut Down Protection

* Best for Supply Voltage 9V, 12V

* Operation Supply Voltage Range from 6V to 15V




Similar Part No. - UA1029

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UA1029-H14-T UTC-UA1029-H14-T Datasheet
136Kb / 7P
   LOW FREQUENCY POWER AMPLIFIER
UA1029L-H14-T UTC-UA1029L-H14-T Datasheet
136Kb / 7P
   LOW FREQUENCY POWER AMPLIFIER
UA1029 UTC-UA1029_15 Datasheet
136Kb / 7P
   LOW FREQUENCY POWER AMPLIFIER
More results


Similar Description - UA1029

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSB1366 FAIRCHILD-KSB1366 Datasheet
50Kb / 4P
   LOW FREQUENCY POWER AMPLIFIER
KSB834W FAIRCHILD-KSB834W Datasheet
28Kb / 3P
   Low Frequency Power Amplifier
KSD1589 FAIRCHILD-KSD1589 Datasheet
44Kb / 4P
   Low Frequency Power Amplifier
KSD261 FAIRCHILD-KSD261 Datasheet
38Kb / 4P
   Low Frequency Power Amplifier
KSD568 FAIRCHILD-KSD568 Datasheet
42Kb / 4P
   Low Frequency Power Amplifier
logo
Hitachi Semiconductor
2SJ48 HITACHI-2SJ48 Datasheet
192Kb / 3P
   LOW FREQUENCY POWER AMPLIFIER
2SB1401 HITACHI-2SB1401 Datasheet
34Kb / 5P
   Low frequency power amplifier
2SB856 HITACHI-2SB856 Datasheet
323Kb / 2P
   LOW FREQUENCY POWER AMPLIFIER
logo
Fairchild Semiconductor
KSC3488 FAIRCHILD-KSC3488 Datasheet
39Kb / 4P
   Low Frequency Power Amplifier
KSB1015YTU FAIRCHILD-KSB1015YTU Datasheet
55Kb / 4P
   Low Frequency Power Amplifier
logo
Unisonic Technologies
TA8227AP UTC-TA8227AP_15 Datasheet
333Kb / 9P
   LOW FREQUENCY POWER AMPLIFIER
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com