Datasheet Search System
Mirror site :
alldatasheet.com,
alldatasheet.co.kr
Semiconductors, integrated circuits, diodes, triacs, and other semiconductors informations
Part Name
Included
start with
end
match
Description
Shortcut :
2SC4080
(1)
2SC4081
(4)
2SC4082
(1)
2SC4083
(2)
2SC4084
(1)
2SC4083 - High-Frequency Amplifier Transistor (11V, 50mA, 3.2GHz) - Rohm
Click Here View
2SC4083
Datasheet
Part No.
2SC4083
Description
High-Frequency Amplifier Transistor (11V, 50mA, 3.2GHz)
Download
2SC4083
Click here
to View
File Size
74.61 Kbytes / 3 Pages
Maker
ROHM [Rohm]
Homepage
http://www.rohm.com/
Related Electronics Part Number
Part Number
Components Description
Manufacturer
2SC4774
HIGH
FREQUENCY
AMPLIFIER
TRANSISTOR
RF
SWITCHING
6V
50mA
Unisonic Technologies
2SC4102_1
High-voltage
Amplifier
Transistor
120V
50mA
Rohm
2SC3838
HIGH-FREQUENCY
AMPLIFIER
TRANSISTOR
Unisonic Technologies
2SC5658M3T5G
NPN
Silicon
General
Purpose
Amplifier
Transistor
Vaishali Semiconductor
MMBF4416LT1_06
JFET
VHF/UHF
Amplifier
Transistor
N-Channel
ON Semiconductor
MMBFJ309LT1_06
JFET
-
VHF/UHF
Amplifier
Transistor
N-Channel
ON Semiconductor
MMBC1623L3
AMPLIFIER
TRANSISTOR
Motorola, Inc
2SA733_05
LOW
FREQUENCY
AMPLIFIER
PNP
EPITAXIAL
SILICON
TRANSISTOR
Unisonic Technologies
BC307
EPITAXIAL
PLANAR
PNP
TRANSISTOR
GENERAL
PURPOSE
LOW
NOISE
AMPLIFIER
KEC(Korea Electronics)
2SB965
PNP
Silicon
Epitaxial/NPN
Triple
Diffused
Transistor
Audio
Frequency
Power
Amplifier
NEC
Link URL :
Related keyword
2SC4083 Datasheet
2SC4083 Cross Reference
2SC4083 Schematic
2SC4083 Distributor
2SC4083 Datenblatt
2SC4083 RoHS
2SC4083 Equivalent
2SC4083 Application Notes
2SC4083 Data Sheet
2SC4083 components
2SC4083 Fiche Technique
2SC4083 Circuit
All Rights Reserved©
Alldatasheet.net
2003 - 2008
Contact us
Privacy Policy
Bookmark
Link Exchange
Site link
Manufacturer