![]() Datasheet Search System ![]() Mirror site : alldatasheet.com alldatasheet.co.kr cn.alldatasheet.com alldatasheet.jp Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
ZL60015 - Optical Receiver. 1310/1550 nm, 2.5 Gbps PIN Pre-amp with Photocurrent Monitor - Zarlink Semiconductor Inc |
|
Click ZL60015 to view datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| ZL60006 | 1310 nm 1550 nm 2.5 Gbps PIN with Preamplifier | Zarlink Semiconductor Inc |
| ADM1192 | Digital Power Monitor with Clear Pin and ALERT Output | Analog Devices |
| DS15BA101 | 1.5 Gbps Differential Buffer with Adjustable Output Voltage | National Semiconductor |
| HEDS-51X0 | Two and Three Channel Codewheels for Use with Agilent Optical Encoder Modules | Agilent(Hewlett-Packard) |
| VSC1235 | 9.9 to 12.5 Gbps 16:1 Multiplexer with Clock Multiplier Unit and Demultiplexer with Clock Recovery Chip Set | Vitesse Semiconductor Corporation |
| ZL60013 | 1310 nm 1550 nm 1.5 Gbps PIN Preamplifier for SDI HDTV | Zarlink Semiconductor Inc |
| PS7221-2A_01 | 8 PIN SOP 200 V BREAK DOWN VOLTAGE 2-CH OPTICAL COUPLED MOSFET | NEC |
| CXA2702GA | Optical Pickup Chipset with Photodetector ICs Supports High-Speed Writing to CD and DVD | Sony Corporation |
| MAX6639 | 2-Channel Temperature Monitor with Dual Automatic PWM Fan-Speed Controller | Maxim Integrated Products |
Link URL |
|
|
Related keyword |
| ZL60015 Datasheet | ZL60015 Cross Reference | ZL60015 Schematic | ZL60015 Distributor | ZL60015 Datenblatt | ZL60015 RoHS |
| ZL60015 Equivalent | ZL60015 Application Notes | ZL60015 Data Sheet | ZL60015 component | ZL60015 Fiche Technique | ZL60015 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.net 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |