![]() Datasheet Search System ![]() Mirror site : alldatasheet.com alldatasheet.co.kr cn.alldatasheet.com alldatasheet.jp Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
ZL60038 - 650-nm, 125 Mbps Pin Preamplifier for Plastic Optical Fiber - Zarlink Semiconductor Inc |
|
Click ZL60038 to view datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| ZL60003 | RCLED 650 nm Plastic Optical Fiber Communications - 125 to 250 Mbps | Zarlink Semiconductor Inc |
| HFBR-RXXYYY | Plastic Optical Fiber Cable and Accessories for Versatile Link | Agilent(Hewlett-Packard) |
| HFBR-4531 | Crimpless Connectors for Plastic Optical Fiber and Versatile Link | Agilent(Hewlett-Packard) |
| ZL60013 | 1310 nm 1550 nm 1.5 Gbps PIN Preamplifier for SDI HDTV | Zarlink Semiconductor Inc |
| ZL60015 | Optical Receiver. 1310/1550 nm 2.5 Gbps PIN + Pre-amp with Photocurrent Monitor | Zarlink Semiconductor Inc |
| HVL142AM | Silicon Epitaxial Planar Pin Diode for Antenna Switching | Renesas Technology Corp |
| HVU145 | Silicon Epitaxial Planar Pin Diode for High Frequency Switching | Hitachi Semiconductor |
| ZL60006 | 1310 nm 1550 nm 2.5 Gbps PIN with Preamplifier | Zarlink Semiconductor Inc |
| ZL60007 | 1310nm 1550nm 622Mbps PIN with Preamplifier | Zarlink Semiconductor Inc |
Link URL |
|
|
Related keyword |
| ZL60038 Datasheet | ZL60038 Cross Reference | ZL60038 Schematic | ZL60038 Distributor | ZL60038 Datenblatt | ZL60038 RoHS |
| ZL60038 Equivalent | ZL60038 Application Notes | ZL60038 Data Sheet | ZL60038 component | ZL60038 Fiche Technique | ZL60038 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.net 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |