Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT34C02 Datasheet (PDF) - ATMEL Corporation

AT34C02 Datasheet PDF - ATMEL Corporation
Part # AT34C02_07
Download  AT34C02 Download

File Size   487.99 Kbytes
Page   21 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Two-wire Serial EEPROM with Permanent Software Write Protect

AT34C02 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT34C02 Datasheet PDF - ATMEL Corporation

Part # AT34C02_07
Download  AT34C02 Click to download

File Size   487.99 Kbytes
Page   21 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Two-wire Serial EEPROM with Permanent Software Write Protect

AT34C02 Datasheet (HTML) - ATMEL Corporation

Back Button AT34C02_07 Datasheet HTML 1Page - ATMEL Corporation AT34C02_07 Datasheet HTML 2Page - ATMEL Corporation AT34C02_07 Datasheet HTML 3Page - ATMEL Corporation AT34C02_07 Datasheet HTML 4Page - ATMEL Corporation AT34C02_07 Datasheet HTML 5Page - ATMEL Corporation AT34C02_07 Datasheet HTML 6Page - ATMEL Corporation AT34C02_07 Datasheet HTML 7Page - ATMEL Corporation AT34C02_07 Datasheet HTML 8Page - ATMEL Corporation AT34C02_07 Datasheet HTML 9Page - ATMEL Corporation AT34C02_07 Datasheet HTML 10Page - ATMEL Corporation Next Button 

AT34C02 Product details

Description
The AT34C02 provides 2048 bits of serial electrically-erasable and programmable read only memory (EEPROM) organized as 256 words of 8 bits each. The first-half of the device incorporates a software write protection feature while hardware write protection for the entire array is available via an external pin as well. Once the software write protection is enabled, by sending a special command to the device, it cannot be reversed. The hardware write protection is controlled with the WP pin and can be used to protect the entire array, whether or not the software write protection has been enabled. This allows the user to protect none, first-half, or all of the array depending on the application. The device is optimized for use in many industrial and commercial applications where low-power and low-voltage operations are essential. The AT34C02 is available in space saving 8-lead PDIP, 8-lead JEDEC SOIC, 8-lead MAP, 8-lead TSSOP and 8-ball dBGA2 packages and is accessed via a two-wire serial interface. In addition, it is available in 1.8V (1.8V to 5.5V) versions.

Features
• Permanent Software Write Protection for the First-half of the Array
   – Software Procedure to Verify Write Protect Status
• Hardware Write Protection for the Entire Array
• Low-voltage Operation
   – 1.8 (VCC = 1.8V to 5.5V)
• Internally Organized 256 x 8
• Two-wire Serial Interface
• Schmitt Trigger, Filtered Inputs for Noise Suppression
• Bidirectional Data Transfer Protocol
• 100 kHz (1.8V) and 400 kHz (2.7V and 5.0V) Compatibility
• 16-byte Page Write Modes
• Partial Page Writes Are Allowed
• Self-timed Write Cycle (5 ms max)
• High-reliability
   – Endurance: 1 Million Write Cycles
   – Data Retention: 100 Years
• Automotive Grade Devices Available
• 8-lead PDIP, 8-lead JEDEC SOIC, 8-lead MAP, 8-lead TSSOP, and 8-ball dBGA2 Packages
• Die Sales: Wafer Form, Waffle Pack, and Bumped Wafers




Similar Part No. - AT34C02_07

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT34C02-10PC ATMEL-AT34C02-10PC Datasheet
184Kb / 12P
   2-Wire Serial EEPROM with Permanent Software Write Protect
AT34C02-10PC-1.8 ATMEL-AT34C02-10PC-1.8 Datasheet
184Kb / 12P
   2-Wire Serial EEPROM with Permanent Software Write Protect
AT34C02-10PC-2.7 ATMEL-AT34C02-10PC-2.7 Datasheet
184Kb / 12P
   2-Wire Serial EEPROM with Permanent Software Write Protect
AT34C02-10PI ATMEL-AT34C02-10PI Datasheet
184Kb / 12P
   2-Wire Serial EEPROM with Permanent Software Write Protect
AT34C02-10PI-1.8 ATMEL-AT34C02-10PI-1.8 Datasheet
184Kb / 12P
   2-Wire Serial EEPROM with Permanent Software Write Protect
More results


Similar Description - AT34C02_07

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT34C02B ATMEL-AT34C02B Datasheet
466Kb / 21P
   Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect
AT34C02C ATMEL-AT34C02C Datasheet
370Kb / 20P
   Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect
AT34C02 ATMEL-AT34C02 Datasheet
184Kb / 12P
   2-Wire Serial EEPROM with Permanent Software Write Protect
AT34C02C ATMEL-AT34C02C_09 Datasheet
412Kb / 18P
   Two-wire Automotive Temperature Serial EEPROM with Permanent and Reversible Software Write Protect
AT24CS128 ATMEL-AT24CS128 Datasheet
207Kb / 12P
   2-Wire Serial EEPROMs with Permanent Software Write Protect
AT34C02C ATMEL-AT34C02C_08 Datasheet
658Kb / 25P
   Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect 2K (256 x 8)
logo
AiT Semiconductor Inc.
A34C04 AITSEMI-A34C04 Datasheet
638Kb / 19P
   EEPROM W/PERMANENT SW WRITE PROTECT 4-Kbit (512횞8) TWO-WIRE SERIAL EEPROM
REV1.0
logo
Microchip Technology
24AA52 MICROCHIP-24AA52_11 Datasheet
822Kb / 36P
   EEPROM with Software Write-Protect
08/02/11
34AA04 MICROCHIP-34AA04 Datasheet
666Kb / 36P
   4K I2C??Serial EEPROM with Software Write-Protect
03/25/14
34VL02 MICROCHIP-34VL02 Datasheet
813Kb / 32P
   2K I2C Serial EEPROM Software Write-Protect
2008
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com