Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZV37 Datasheet (PDF) - NXP Semiconductors

BZV37 Datasheet PDF - NXP Semiconductors
Part # BZV37
Download  BZV37 Download

File Size   24.53 Kbytes
Page   4 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Bidirectional voltage regulator diode

BZV37 Datasheet (PDF)

Go To PDF Page Download Datasheet
BZV37 Datasheet PDF - NXP Semiconductors

Part # BZV37
Download  BZV37 Click to download

File Size   24.53 Kbytes
Page   4 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Bidirectional voltage regulator diode

BZV37 Datasheet (HTML) - NXP Semiconductors

BZV37 Datasheet HTML 1Page - NXP Semiconductors BZV37 Datasheet HTML 2Page - NXP Semiconductors BZV37 Datasheet HTML 3Page - NXP Semiconductors BZV37 Datasheet HTML 4Page - NXP Semiconductors

BZV37 Product details

DESCRIPTION
Low-power voltage regulator diode in an hermetically sealed leaded glass SOD68 (DO-34) package.

FEATURES
• Low total power dissipation: max. 400 mW
• Working voltage: nom. 6.5 V
• Non-repetitive peak reverse power dissipation: max. 40 W
• Bidirectional.

APPLICATIONS
• Voltage stabilizer and transient protection element.




Similar Part No. - BZV37

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
BZV01 BULGIN-BZV01 Datasheet
65Kb / 1P
   C14 IEC Fused Inlet - Vertical
BZV02/A0620/01 BULGIN-BZV02/A0620/01 Datasheet
65Kb / 1P
   C14 IEC Fused Inlet - Vertical
BZV02/A0620/02 BULGIN-BZV02/A0620/02 Datasheet
65Kb / 1P
   C14 IEC Fused Inlet - Vertical
BZV02/A0620/03 BULGIN-BZV02/A0620/03 Datasheet
65Kb / 1P
   C14 IEC Fused Inlet - Vertical
BZV02/A0620/08 BULGIN-BZV02/A0620/08 Datasheet
65Kb / 1P
   C14 IEC Fused Inlet - Vertical
More results


Similar Description - BZV37

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL95338 RENESAS-ISL95338 Datasheet
1Mb / 48P
   Bidirectional Buck-Boost Voltage Regulator
ISL95338 RENESAS-ISL95338_V01 Datasheet
840Kb / 51P
   Bidirectional Buck-Boost Voltage Regulator
Jul.18.19
logo
Shanghai Leiditech Elec...
ESD1811CDN LEIDITECH-ESD1811CDN Datasheet
2Mb / 6P
   LOW VOLTAGE BIDIRECTIONAL TVS DIODE
logo
Dongguan City Niuhang E...
K090 NIUHANG-K090 Datasheet
2Mb / 3P
   HIGH VOLTAGE BIDIRECTIONAL TRIGGER DIODE
logo
Yea Shin Technology Co....
YSUM3311P YEASHIN-YSUM3311P Datasheet
844Kb / 3P
   LOW VOLTAGE BIDIRECTIONAL TVS DIODE
logo
Shanghai Leiditech Elec...
ESD2511CDN LEIDITECH-ESD2511CDN Datasheet
516Kb / 4P
   LOW VOLTAGE BIDIRECTIONAL TVS DIODE
logo
Nexperia B.V. All right...
BZX884D-C12 NEXPERIA-BZX884D-C12 Datasheet
169Kb / 10P
   Voltage regulator diode
BZX884D-B10 NEXPERIA-BZX884D-B10 Datasheet
168Kb / 10P
   Voltage regulator diode
logo
Sanyo Semicon Device
BTD4M SANYO-BTD4M Datasheet
51Kb / 2P
   Bidirectional Diode
logo
New Jersey Semi-Conduct...
1N3506A NJSEMI-1N3506A Datasheet
89Kb / 2P
   ZENER VOLTAGE REGULATOR DIODE
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com